Electronic Components Datasheet Search
  English  ▼

X  

FC122 Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # FC122
Description  Fan Speed Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FC122 Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button FC122 Datasheet HTML 2Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 3Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 4Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 5Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 6Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 7Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 8Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 9Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Fan Speed Control IC
Version
:A.002
PAGE 8
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FC122
Package Specification (Continued)
D
E
H
A1
A
θ
C
L
0.0
0.2
0.4 inch
0
10 mm
5
( 8-pin SOP )
Seating Plane
b
e
0.015 x 45
°
Dimension in mm
Symbol
Dimension in inch
NOTE
A1
0.102
0.254
0.004
0.010
c
0.203
0.008
D
4.801
4.978
0.189
0.196
e
1.270
0.050
L
0.406
1.270
0.016
0.050
A
1.346
1.753
0.053
0.069
E
3.810
3.988
0.150
0.157
H
5.791
6.198
0.228
0.244
b
0.406
0.016
θ°
0
8
0
8
Min
Normal
Max
Min
Normal
Max
A2
1.346
1.499
0.053
0.059
A2
0.004
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com