Electronic Components Datasheet Search
  English  ▼

X  

FC122 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # FC122
Description  Fan Speed Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FC122 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  FC122 Datasheet HTML 1Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 2Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 3Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 4Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 5Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 6Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 7Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 8Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Fan Speed Control IC
Version
:A.002
PAGE 4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FC122
Functional Description
1. Fan Speed Control:
The output voltage (VOUT) can be controlled by
fan control input (VFC).
VFC ≥ VSTR(FC) : VOUT = ( VFC - ½VDD ) * AOUT + VST
2. Temperature Protection:
Pin-TS connects to an external thermistor
network for monitoring ambient temperature.
The input signal (VTS) will decide the minimum
output voltage (VOUT).
VTS ≥ VSTR(TS) : VOUT = ( VTS - ½VDD ) * AOUT + VST
3. Drive output:
Whenever the fan is started from the off state, it will induce an start-up interval
of 0.3 sec, the Pin-OUT will drive full duty in this period and then continue with
the voltage determined by MAX (VFC, VTS).
4. Fault output:
Pin-FLT is an open collector, and active low signal. It will be pulled to low to
indicate that over-temperature has occurred.
Over-temperature: When VTS exceed VVOT.
VFC
VSTR(FC)
VOUT = (VFC – ½VDD ) * AOUT + VST
VOUT
VDD
VTS
VSTR(TS)
VOUT = (VTS – ½VDD ) * AOUT + VST
VOUT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com