Electronic Components Datasheet Search
  English  ▼

X  

MCP9804T Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP9804T
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804T Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP9804T Datasheet HTML 18Page - Microchip Technology MCP9804T Datasheet HTML 19Page - Microchip Technology MCP9804T Datasheet HTML 20Page - Microchip Technology MCP9804T Datasheet HTML 21Page - Microchip Technology MCP9804T Datasheet HTML 22Page - Microchip Technology MCP9804T Datasheet HTML 23Page - Microchip Technology MCP9804T Datasheet HTML 24Page - Microchip Technology MCP9804T Datasheet HTML 25Page - Microchip Technology MCP9804T Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
MCP9804
DS22203A-page 22
© 2009 Microchip Technology Inc.
5.1.2
UPPER/LOWER/CRITICAL
TEMPERATURE LIMIT REGISTERS
(TUPPER/TLOWER/TCRIT)
The MCP9804 has a 16-bit read/write Alert Output
Temperature Upper-Boundary register (TUPPER), a 16-
bit Lower-Boundary register (TLOWER) and a 16-bit
Critical Boundary register (TCRIT) that contains 11-bit
data in two’s complement format (0.25°C). This data
represents the maximum and minimum temperature
boundary or temperature window that can be used to
monitor ambient temperature. If this feature is enabled
(
Section 5.1.1) and the ambient temperature exceeds
the specified boundary or window, the MCP9804
asserts an Alert output. (Refer to
Section 5.2.3).
REGISTER 5-3:
UPPER/LOWER/CRITICAL TEMPERATURE LIMIT REGISTER (TUPPER/TLOWER/
TCRIT) → ADDRESS ‘0000 0010’b/‘0000 0011’b/‘0000 0100’b (NOTE)
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
——
—
Sign
27°C
26°C
25°C
24°C
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
23°C
22°C
21°C
20°C
2-1°C
2-2°C
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12
Sign:
0
=TA ≥ 0°C
1
=TA < 0°C
bit 11-2
TUPPER/TLOWER/TCRIT:
Temperature boundary trip data in two’s complement format.
bit 1-0
Unimplemented: Read as ‘0’
Note:
This table shows two 16-bit registers for TUPPER, TLOWER and TCRIT located at ‘0000 0010b’,
‘0000 0011b’ and ‘0000 0100b’, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com