Electronic Components Datasheet Search
  English  ▼

X  

MCP9804T Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP9804T
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804T Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP9804T Datasheet HTML 5Page - Microchip Technology MCP9804T Datasheet HTML 6Page - Microchip Technology MCP9804T Datasheet HTML 7Page - Microchip Technology MCP9804T Datasheet HTML 8Page - Microchip Technology MCP9804T Datasheet HTML 9Page - Microchip Technology MCP9804T Datasheet HTML 10Page - Microchip Technology MCP9804T Datasheet HTML 11Page - Microchip Technology MCP9804T Datasheet HTML 12Page - Microchip Technology MCP9804T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 9
MCP9804
Note: Unless otherwise indicated, V
DD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD, and
TA = -40°C to +125°C.
FIGURE 2-13:
SDA & Alert output VOL vs.
Temperature.
FIGURE 2-14:
SDA IOL vs. Temperature.
FIGURE 2-15:
Package Thermal
Response.
FIGURE 2-16:
SMBus Timeout vs.
Temperature.
0
0.1
0.2
0.3
0.4
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
Alert VOL
SDA VOL
IOL = 3 mA
6
12
18
24
30
36
42
48
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
VOL = 0.6V
0%
20%
40%
60%
80%
100%
120%
-2
0
2
4
6
8
10
12
14
16
Time (s)
Room to +125°C (Oil bath)
MSOP-8
DFN-8
20
25
30
35
-40
-20
0
20
40
60
80
100 120
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com