Electronic Components Datasheet Search
  English  ▼

X  

MCP9804T Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9804T
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804T Datasheet(HTML) 3 Page - Microchip Technology

  MCP9804T Datasheet HTML 1Page - Microchip Technology MCP9804T Datasheet HTML 2Page - Microchip Technology MCP9804T Datasheet HTML 3Page - Microchip Technology MCP9804T Datasheet HTML 4Page - Microchip Technology MCP9804T Datasheet HTML 5Page - Microchip Technology MCP9804T Datasheet HTML 6Page - Microchip Technology MCP9804T Datasheet HTML 7Page - Microchip Technology MCP9804T Datasheet HTML 8Page - Microchip Technology MCP9804T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 3
MCP9804
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................. 6.0V
Voltage at All Input/Output Pins .............. GND – 0.3V to 6.0V
Storage Temperature ....................................-65°C to +150°C
Ambient Temperature with Power Applied ....-40°C to +125°C
Junction Temperature (TJ) .......................................... +150°C
ESD Protection on All Pins (HBM:MM) ................ (4 kV:400V)
Latch-Up Current at Each Pin (25°C)....................... ±200 mA
†Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
TEMPERATURE SENSOR DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, GND = Ground, and TA = -40°C to
+125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Temperature Sensor Accuracy
+40°C < TA ≤ +125°C
TACY
-1.0
±0.25
+1.0
°C
VDD = 3.3V
Temperature Conversion Time
0.5°C/bit
tCONV
—
30
ms
33s/sec (typical)
0.25°C/bit
—
65
ms
15s/sec (typical)
0.25°C/bit
—
130
ms
7s/sec (typical)
0.25°C/bit
—
250
ms
4s/sec (typical)
Power Supply
Operating Voltage Range
VDD
2.7
—
5.5
V
Operating Current
IDD
—
200
400
µA
Shutdown Current
ISHDN
—0.1
2
µA
Power On Reset (POR)
VPOR
—
2.2
—
V
Threshold for falling VDD
Power Supply Rejection,
TA = +25°C
Δ°C/ΔV
DD
—-0.1
—
°C/V
VDD = 2.7V to 5.5V
—
±0.15
—
°C
VDD = 3.3V+150 mVPP AC (0 to 1 MHz)
Alert Output (Open-Drain output, external pull-up resistor required), see Section 5.2.3
High-level Current (leakage)
IOH
——
1
µA
VOH = VDD (Active-Low, Pull-up Resistor)
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA (Active-Low, Pull-up Resistor)
Thermal Response, from +25°C (Air) to +125°C (oil bath)
DFN-8
tRES
—
0.7
—
s
Time to 63% (89°C)
MSOP-8
—
1.4
—
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com