Electronic Components Datasheet Search
  English  ▼

X  

MCP9804T Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP9804T
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804T Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP9804T Datasheet HTML 3Page - Microchip Technology MCP9804T Datasheet HTML 4Page - Microchip Technology MCP9804T Datasheet HTML 5Page - Microchip Technology MCP9804T Datasheet HTML 6Page - Microchip Technology MCP9804T Datasheet HTML 7Page - Microchip Technology MCP9804T Datasheet HTML 8Page - Microchip Technology MCP9804T Datasheet HTML 9Page - Microchip Technology MCP9804T Datasheet HTML 10Page - Microchip Technology MCP9804T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 7
MCP9804
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, V
DD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD, and
TA = -40°C to +125°C.
FIGURE 2-1:
Temperature Accuracy.
FIGURE 2-2:
Temperature Accuracy
Histogram, TA = -40°C to +125°C.
FIGURE 2-3:
Temperature Accuracy
Histogram, TA = +25°C.
FIGURE 2-4:
Temperature Accuracy
Histogram, TA = +45°C.
FIGURE 2-5:
Temperature Accuracy
Histogram, TA = +125°C.
FIGURE 2-6:
Temperature Accuracy
Histogram, TA = -40°C.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-1.0
-0.5
0.0
0.5
1.0
-40
-20
0
20
40
60
80
100 120
TA (°C)
VDD = 3.3V
722 units at -40°C, +45°C, +125°C
64 units at other temperatures
+Std. Dev.
Average
-Std. Dev.
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
TA = -40°C to +125°C
VDD = 3.3V
2787 units
0%
10%
20%
30%
40%
50%
60%
Temperature Accuracy (°C)
TA = +25°C
VDD = 3.3V
64 units
0%
10%
20%
30%
40%
50%
60%
Temperature Accuracy (°C)
TA = +45°C
VDD = 3.3V
722 units
0%
10%
20%
30%
40%
50%
60%
Temperature Accuracy (°C)
TA = +125°C
VDD = 3.3V
722 units
0%
10%
20%
30%
40%
50%
60%
Temperature Accuracy (°C)
TA = -40°C
VDD = 3.3V
722 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com