Electronic Components Datasheet Search
  English  ▼

X  

AP1624 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1624
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1624 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1624 Datasheet HTML 1Page - Diodes Incorporated AP1624 Datasheet HTML 2Page - Diodes Incorporated AP1624 Datasheet HTML 3Page - Diodes Incorporated AP1624 Datasheet HTML 4Page - Diodes Incorporated AP1624 Datasheet HTML 5Page - Diodes Incorporated AP1624 Datasheet HTML 6Page - Diodes Incorporated AP1624 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP1624
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
5 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
AP1624 Load Regulation
11.5
11.6
11.7
11.8
11.9
12
12.1
12.2
12.3
12.4
12.5
0
200
400
600
800
1000
Load (mA)
Vcc=5V,Vout=12V
AP1624 Load Regulation
4.6
4.65
4.7
4.75
4.8
4.85
4.9
4.95
5
0
200
400
600
800
1000
1200
Load (mA)
Vcc=3.3V,Vout=5V
AP1624 Line Regulation
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
2.5
3
3.5
4
Vcc (V)
Vcc=3.3V,Vout=5V
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
-50
-25
0
25
50
75
100
Temperature (
oC)
AP1624 Temperature vs. Vout
Vcc=5V, Iout=300mA
250
260
270
280
290
300
310
320
330
340
350
0
0.2
0.4
0.6
0.8
1
1.2
AP1624 Load vs. Frequency
Vcc = 3.3V
Load (A)
AP1624 Vcc vs. Frequency
200
230
260
290
320
350
380
410
2.533.5
4
4.555.5
Vcc (V)
Not Recommended
for New Designs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com