Electronic Components Datasheet Search
  English  ▼

X  

AP1624 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1624
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1624 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1624 Datasheet HTML 1Page - Diodes Incorporated AP1624 Datasheet HTML 2Page - Diodes Incorporated AP1624 Datasheet HTML 3Page - Diodes Incorporated AP1624 Datasheet HTML 4Page - Diodes Incorporated AP1624 Datasheet HTML 5Page - Diodes Incorporated AP1624 Datasheet HTML 6Page - Diodes Incorporated AP1624 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP1624
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
4 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
(1) Normal Circuit
R1
NMOS
AF2302
2.5V~5.5V
EXT
CE
FB
GND
V
CC
SS240
10 H
V
IN
100K
0.1
R2
V
OUT
µ
470µ
470µ
µ
0.1µ
100
0.1µ
0.1µ
VOUT = 1.23 × (1+
R2
R1
), R2 = 10K ~ 20K
(2) LV Circuit
220K
0.9V~2.5
V
EX
T
CE
FB
GND
V C
C
Schottky Diode
0.1
130K
C
P
3.3V
4
7
£g
4
7
£g
£g
L
100K
NPN
C
B
R
B
V OU
T
V I
N
RB = Adjust according to load and Tr. hFE levels
CB ≤ 1 / ( 2π × RB × FOSC × 0.7 )
(3) HV Circuit
330K
FDS6612
Above to 5V
EXT
CE
FB
GND
V
CC
SS240
10 H
V
IN
100K
0.1
V
OUT
µ
470µ
0.1µ
470µ
µ
0.1µ
R
24V/1A
ZD
5V
18K
Not Recommended
for New Designs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com