Electronic Components Datasheet Search
  English  ▼

X  

AP1624 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1624
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1624 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1624 Datasheet HTML 1Page - Diodes Incorporated AP1624 Datasheet HTML 2Page - Diodes Incorporated AP1624 Datasheet HTML 3Page - Diodes Incorporated AP1624 Datasheet HTML 4Page - Diodes Incorporated AP1624 Datasheet HTML 5Page - Diodes Incorporated AP1624 Datasheet HTML 6Page - Diodes Incorporated AP1624 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP1624
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
6 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics ( Continued )
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
Load (A)
AP1624 Load vs. Efficiency
Vcc=3.3V, Vout=5V
Vcc=5V, Vout=12V
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Temperature (oC)
AP1624 Temperature vs. Frequency
0
30
60
90
120
150
180
210
1.5
2.5
3.5
4.5
5.5
AP1624 Vcc vs. Supply Current
Vcc (V)
No Outside Circuit, V
FB=1.5V
60
70
80
90
100
-50
-25
0
25
50
75
100
Temperature (oC)
AP1624 Temperature vs. Efficiency
Vcc=5V,Vout=12V, Iout=300mA
Marking Information
XX : Identification code
Y : Year: 0-9
M : Month: A~L
SOT25
XX Y M
1
2
3
4
5
Part Number
Package
Identification
Code
AP1624
SOT25
EQ
Not Recommended
for New Designs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com