Electronic Components Datasheet Search
  English  ▼

X  

AP1624 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1624
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1624 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1624 Datasheet HTML 1Page - Diodes Incorporated AP1624 Datasheet HTML 2Page - Diodes Incorporated AP1624 Datasheet HTML 3Page - Diodes Incorporated AP1624 Datasheet HTML 4Page - Diodes Incorporated AP1624 Datasheet HTML 5Page - Diodes Incorporated AP1624 Datasheet HTML 6Page - Diodes Incorporated AP1624 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1624
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
1 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
Input Voltage Range: 0.9~6V
•
PWM/PFM Switching Control
•
High Efficiency: 90%
•
Oscillator Frequency: 300kHz(±15%)
•
Stand-by Current: I
STB = 3µA(Typ.)
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
•
Lead Free Package: SOT25
The AP1624 is a multi-functional step-up DC/DC controller.
Large output current is possible using an externally connected N
channel MOSFET, coil, and diode.
Output voltage(V
OUT)is programmable with 1.23V of standard
voltage supply internal, and using externally connected
components, output voltage(FB)can be set up at will.
With a 300KHz switching frequency, the size of the external
components can be reduced.
Control switches from PFM to PWM during light loads with the
AP1624(PFM/PWM switchable)and the series is highly efficient
from light loads to large output currents.
During stand-by time (CE pin “Low”), current consumption is
reduced to 3µA.
Applications
•
Electronic Information Organizers
•
Palmtops
•
Cellular and Portable Phones
•
Portable Audio Systems
•
Various Multi-function Power Supplies
AP1624 X X X
W : SOT25
Packing
-7 : Taping
Package
Lead-Free
L: Lead Free
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
7” Tape and Reel
Device
Package Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP1624W
W
SOT25
3000/Tape & Reel
-7
Note: 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Ordering Information
Not Recommended
for New Designs


Similar Part No. - AP1624

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
AP1624WA ANACHIP-AP1624WA Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
More results

Similar Description - AP1624

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
PWM/PFM Dual Mode Step-up DC/DC Converter
Rev.1.2 Mar.25, 2005
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Diodes Incorporated
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com