Electronic Components Datasheet Search
  English  ▼

X  

SE95 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SE95
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95 Datasheet(HTML) 2 Page - NXP Semiconductors

  SE95 Datasheet HTML 1Page - NXP Semiconductors SE95 Datasheet HTML 2Page - NXP Semiconductors SE95 Datasheet HTML 3Page - NXP Semiconductors SE95 Datasheet HTML 4Page - NXP Semiconductors SE95 Datasheet HTML 5Page - NXP Semiconductors SE95 Datasheet HTML 6Page - NXP Semiconductors SE95 Datasheet HTML 7Page - NXP Semiconductors SE95 Datasheet HTML 8Page - NXP Semiconductors SE95 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
2 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
2.
Features
I Pin-for-pin replacement for industry standard LM75/LM75A
I Specification of a single part over supply voltage from 2.8 V to 5.5 V
I Small 8-pin package types: SO8 and TSSOP8 (MSOP8)
I I2C-bus interface to 400 kHz with up to 8 devices on the same bus
I Supply voltage from 2.8 V to 5.5 V
I Temperature range from −55 °C to +125 °C
I 13-bit ADC that offers a temperature resolution of 0.03125 °C
I Temperature accuracy of ± 1 °C from −25 °C to +100 °C
I Programmable temperature threshold and hysteresis set points
I Supply current of 7.0 µA in shutdown mode for power conservation
I Stand-alone operation as thermostat at power-up
I ESD protection exceeds 1000 V for Human Body Model (HBM) per JESD22-A114 and
150 V for Machine Model (MM) per JESD22-A115
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
3.
Applications
I System thermal management
I Personal computers
I Electronics equipment
I Industrial controllers
4.
Ordering information
Table 1.
Ordering information
Type
number
Package
Temperature range
Name
Description
Version
SE95D
−55 °C to +125 °C
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
SE95DP
−55 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
SE95U
−55 °C to +125 °C-
wafer
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com