Electronic Components Datasheet Search
  English  ▼

X  

SE95 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SE95
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95 Datasheet(HTML) 3 Page - NXP Semiconductors

  SE95 Datasheet HTML 1Page - NXP Semiconductors SE95 Datasheet HTML 2Page - NXP Semiconductors SE95 Datasheet HTML 3Page - NXP Semiconductors SE95 Datasheet HTML 4Page - NXP Semiconductors SE95 Datasheet HTML 5Page - NXP Semiconductors SE95 Datasheet HTML 6Page - NXP Semiconductors SE95 Datasheet HTML 7Page - NXP Semiconductors SE95 Datasheet HTML 8Page - NXP Semiconductors SE95 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
3 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
5.
Block diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Block diagram of SE95
002aae892
A2
A1
A0
SCL
SDA
GND
OS
3
56721
4
8
VCC
SE95
ADC CONTROL AND OTP CONTROL
I2C-BUS INTERFACE LOGIC
OTP
BIAS
SIGMA DELTA
MODULATOR
INTERRUPTION
LOGIC
DECIMATION
FILTER
BAND GAP
OSCILLATOR
POR
bit
stream
REGISTER
BANK
Conf
Temp
Tos
Thyst
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
SE95D
SDA
VCC
SCL
A0
OS
A1
GND
A2
002aac537
1
2
3
4
6
5
8
7
SE95DP
002aac536
1
2
3
4
6
5
8
7
SDA
VCC
SCL
A0
OS
A1
GND
A2
Table 2.
Pin description
Symbol
Pin
Description
SDA
1
I2C-bus serial bidirectional data line digital I/O; open-drain
SCL
2
I2C-bus serial clock digital input
OS
3
overtemperature shutdown output; open-drain
GND
4
ground; to be connected to the system ground
A2
5
user-defined address bit 2 digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com