Electronic Components Datasheet Search
  English  ▼

X  

SE95 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SE95
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SE95 Datasheet HTML 11Page - NXP Semiconductors SE95 Datasheet HTML 12Page - NXP Semiconductors SE95 Datasheet HTML 13Page - NXP Semiconductors SE95 Datasheet HTML 14Page - NXP Semiconductors SE95 Datasheet HTML 15Page - NXP Semiconductors SE95 Datasheet HTML 16Page - NXP Semiconductors SE95 Datasheet HTML 17Page - NXP Semiconductors SE95 Datasheet HTML 18Page - NXP Semiconductors SE95 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
15 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
9.
Limiting values
10. Recommended operating conditions
Table 15.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+6.0
V
VI(SCL)
input voltage on pin SCL
−0.3
+6.0
V
VI(SDA)
input voltage on pin SDA
−0.3
+6.0
V
VI(A0)
input voltage on pin A0
−3.0
VCC + 0.3
V
VI(A1)
input voltage on pin A1
−3.0
VCC + 0.3
V
VI(A2)
input voltage on pin A2
−3.0
VCC + 0.3
V
II(PIN)
input current on input pins
−5.0
+5.0
mA
IO(OS)
output current on pin OS
-
10.0
mA
VO(OS)
output voltage on pin OS
−0.3
+6.0
V
VESD
electrostatic discharge
voltage
human body model
-
1000
V
machine model
-
150
V
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Table 16.
Recommended operating characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.8
-
5.5
V
Tamb
ambient temperature
−55
-
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com