Electronic Components Datasheet Search
  English  ▼

X  

SE95 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SE95
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SE95 Datasheet HTML 7Page - NXP Semiconductors SE95 Datasheet HTML 8Page - NXP Semiconductors SE95 Datasheet HTML 9Page - NXP Semiconductors SE95 Datasheet HTML 10Page - NXP Semiconductors SE95 Datasheet HTML 11Page - NXP Semiconductors SE95 Datasheet HTML 12Page - NXP Semiconductors SE95 Datasheet HTML 13Page - NXP Semiconductors SE95 Datasheet HTML 14Page - NXP Semiconductors SE95 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
11 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
Obviously, for 9-bit Temp data application in replacing the industry standard LM75, just
use only 9 MSB bits of the two bytes and disregard 7 LSB of the LSByte. The 9-bit Temp
data with 0.5
°C resolution of the SE95 is defined exactly in the same way as for the
standard LM75 and it is here similar to the Tos and Thyst registers.
8.6 Overtemperature shutdown threshold and hysteresis registers
These two registers, are write/read registers, and also called set-point registers. They are
used to store the user-defined temperature limits, called overtemperature shutdown
threshold (Tos) and hysteresis temperature (Thyst), for the device watchdog operation. At
the end of each conversion the Temp data will be compared with the data stored in these
two registers in order to set the state of the device OS output; see Section 7.1.
Each of the set-point registers contains two 8-bit data bytes consisting of one MSByte and
one LSByte the same as register Temp. However, only 9 bits of the two bytes are used to
store the set-point data in two’s complement format with the resolution of 0.5
°C. Table 12
and Table 13 show the bit arrangement of the Tos data and Thyst data in the data bytes.
Notice that because only 9-bit data are used in the set-point registers, the device uses
only the 9 MSB of the Temp data for data comparison.
When a set-point register is read, all 16 bits are provided to the bus and must be collected
by the controller to complete the bus operation. However, only the 9 most significant bits
should be used and the 7 LSB of the LSByte are equal to zero and should be ignored.
Table 14 shows examples of the limit data and value.
Table 12.
Tos register
MSByte
LSByte
7654321076543210
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXXX
Table 13.
Thyst register
MSByte
LSByte
7654321076543210
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXXX
Table 14.
Tos and Thyst register
11-bit binary
(two’s complement)
Hexadecimal value
Decimal value
Value
0 1111 1010
0FA
250
125.0
°C
0 0011 0010
032
50
25.0
°C
0 0000 0001
001
1
0.5
°C
0 0000 0000
000
0
0.0
°C
1 1111 1111
1FF
−1
−0.5 °C
1 1100 1110
1CE
−50
−25.0 °C
1 1001 0010
192
−110
−55.0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com