Electronic Components Datasheet Search
  English  ▼

X  

SE97TL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 3 Page - NXP Semiconductors

  SE97TL Datasheet HTML 1Page - NXP Semiconductors SE97TL Datasheet HTML 2Page - NXP Semiconductors SE97TL Datasheet HTML 3Page - NXP Semiconductors SE97TL Datasheet HTML 4Page - NXP Semiconductors SE97TL Datasheet HTML 5Page - NXP Semiconductors SE97TL Datasheet HTML 6Page - NXP Semiconductors SE97TL Datasheet HTML 7Page - NXP Semiconductors SE97TL Datasheet HTML 8Page - NXP Semiconductors SE97TL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
3 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
3.
Applications
I DDR2 and DDR3 memory modules
I Laptops, personal computers and servers
I Enterprise networking
I Hard disk drives and other PC peripherals
4.
Ordering information
[1]
SE97TL and SE97TP offer improved VPOR/EVENT IOL.
[2]
Industry standard 2 mm
× 3mm × 0.8 mm package to JEDEC VCED-3 PSON8 in 8 mm × 4 mm pitch tape 4 k quantity reels.
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
SE97PW
SE97
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 4.4 mm
SOT530-1
SE97TK
SE97
HVSON8
plastic thermal enhanced very thin small outline package;
no leads; 8 terminals; body 3
× 3 × 0.85 mm
SOT908-1
SE97TL[1]
97L
HXSON8
plastic thermal enhanced extremely thin small outline package;
no leads; 8 terminals; body 2
× 3 × 0.5 mm
SOT1052-1
SE97TP[1][2]
S97
HWSON8
plastic thermal enhanced very very thin small outline package;
no leads; 8 terminals; body 2
× 3 × 0.8 mm
SOT1069-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com