Electronic Components Datasheet Search
  English  ▼

X  

SE97TL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 1 Page - NXP Semiconductors

  SE97TL Datasheet HTML 1Page - NXP Semiconductors SE97TL Datasheet HTML 2Page - NXP Semiconductors SE97TL Datasheet HTML 3Page - NXP Semiconductors SE97TL Datasheet HTML 4Page - NXP Semiconductors SE97TL Datasheet HTML 5Page - NXP Semiconductors SE97TL Datasheet HTML 6Page - NXP Semiconductors SE97TL Datasheet HTML 7Page - NXP Semiconductors SE97TL Datasheet HTML 8Page - NXP Semiconductors SE97TL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1.
General description
The NXP Semiconductors SE97 measures temperature from
−40 °C to +125 °C with
JEDEC Grade B
±1 °C accuracy between +75 °C and +95 °C and also provide 256 bytes
of EEPROM memory communicating via the I2C-bus/SMBus. It is typically mounted on a
Dual In-line Memory Module (DIMM) measuring the DRAM temperature in accordance
with the new JEDEC (JC-42.4)
Mobile Platform Memory Module Temperature Sensor
Component specification and also replacing the Serial Presence Detect (SPD) which is
used to store memory module and vendor information.
The SE97 thermal sensor operates over the VDD range of 3.0 V to 3.6 V and the EEPROM
over the range of 3.0 V to 3.6 V write and 1.7 V to 3.6 V read.
Placing the Temp Sensor (TS) on a DIMM allows accurate monitoring of the DIMM module
temperature to better estimate the DRAM case temperature (Tcase) to prevent it from
exceeding the maximum operating temperature of 85
°C. The chip set throttles the
memory traffic based on the actual temperatures instead of the calculated worst-case
temperature or the ambient temperature using a temp sensor mounted on the
motherboard. There is up to 30 % improvement in thin and light notebooks that are using
one or two 1 GB SO-DIMM modules. The TS is required on DDR3 RDIMM and RDIMM
ECC. Future uses of the TS will include more dynamic control over thermal throttling, the
ability to use the Alarm Window to create multiple temperature zones for dynamic
throttling and to save processor time by scaling the memory refresh rate.
The TS consists of a
∆Σ Analog-to-Digital Converter (ADC) that monitors and updates its
own temperature readings 10 times per second, converts the reading to a digital data, and
latches them into the data temperature register. User-programmable registers, the
specification of upper/lower alarm and critical temperature trip points, EVENT output
control, and temperature shutdown, provide flexibility for DIMM temperature-sensing
applications.
When the temperature changes beyond the specified boundary limits, the SE97 outputs
an EVENT signal using an open-drain output that can be pulled up between 0.9 V and
3.6 V. The user has the option of setting the EVENT output signal polarity as either an
active LOW or active HIGH comparator output for thermostat operation, or as a
temperature event interrupt output for microprocessor-based systems. The EVENT output
can even be configured as a critical temperature output.
The EEPROM is designed specifically for DRAM DIMMs SPD. The lower 128 bytes
(address 00h to 7Fh) can be Permanent Write Protected (PWP) or Reversible Write
Protected (RWP) by software. This allows DRAM vendor and product information to be
stored and write protected. The upper 128 bytes (address 80h to FFh) are not write
protected and can be used for general purpose data storage.
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06 — 17 August 2009
Product data sheet


Similar Part No. - SE97TL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97TL NXP-SE97TL Datasheet
281Kb / 54P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97TL NXP-SE97TL Datasheet
427Kb / 55P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
More results

Similar Description - SE97TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
DDR/DDR2 (For memory module) SPD Memory
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
logo
NXP Semiconductors
SE97 NXP-SE97 Datasheet
281Kb / 54P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE98A NXP-SE98A Datasheet
227Kb / 43P
DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
401Kb / 53P
DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
DDR/DDR2 (For memory module) SPD Memory
logo
NXP Semiconductors
SE98 NXP-SE98 Datasheet
193Kb / 39P
DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
SE98A NXP-SE98A_10 Datasheet
915Kb / 43P
DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 04-25 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com