Electronic Components Datasheet Search
  English  ▼

X  

SE97TL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 5 Page - NXP Semiconductors

  SE97TL Datasheet HTML 1Page - NXP Semiconductors SE97TL Datasheet HTML 2Page - NXP Semiconductors SE97TL Datasheet HTML 3Page - NXP Semiconductors SE97TL Datasheet HTML 4Page - NXP Semiconductors SE97TL Datasheet HTML 5Page - NXP Semiconductors SE97TL Datasheet HTML 6Page - NXP Semiconductors SE97TL Datasheet HTML 7Page - NXP Semiconductors SE97TL Datasheet HTML 8Page - NXP Semiconductors SE97TL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
5 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for TSSOP8
Fig 3.
Pin configuration for HXSON8
Fig 4.
Pin configuration for HVSON8
Fig 5.
Pin configuration for HWSON8
SE97PW
A0
VDD
A1
EVENT
A2
SCL
VSS
SDA
002aab805
1
2
3
4
6
5
8
7
terminal 1
index area
1
A0
SE97TL
002aad548
Transparent top view
2
A1
3
A2
4
8
7
6
5
VSS
VDD
EVENT
SCL
SDA
002aab803
SE97TK
SDA
A2
VSS
SCL
A1
EVENT
A0
VDD
Transparent top view
4
5
3
6
2
7
1
8
terminal 1
index area
terminal 1
index area
1
A0
SE97TP
002aad768
Transparent top view
2
A1
3
A2
4
8
7
6
5
VSS
VDD
EVENT
SCL
SDA
Table 2.
Pin description
Symbol
Pin
Type
Description
A0
1
I
I2C-bus/SMBus slave address bit 0 with internal pull-down. This
input is overvoltage tolerant to support software write protection.
A1
2
I
I2C-bus/SMBus slave address bit 1 with internal pull-down
A2
3
I
I2C-bus/SMBus slave address bit 2 with internal pull-down
VSS
4
ground
device ground
SDA
5
I/O
SMBus/I2C-bus serial data input/output (open-drain). Must have
external pull-up resistor.
SCL
6
I
SMBus/I2C-bus serial clock input/output (open-drain). Must have
external pull-up resistor.
EVENT
7
O
Thermal alarm output for high/low and critical temperature limit
(open-drain). Must have external pull-up resistor.
VDD
8
power
device power supply (3.0 V to 3.6 V); supports 1.7 V for
EEPROM read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com