Electronic Components Datasheet Search
  English  ▼

X  

SE97TL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SE97TL Datasheet HTML 4Page - NXP Semiconductors SE97TL Datasheet HTML 5Page - NXP Semiconductors SE97TL Datasheet HTML 6Page - NXP Semiconductors SE97TL Datasheet HTML 7Page - NXP Semiconductors SE97TL Datasheet HTML 8Page - NXP Semiconductors SE97TL Datasheet HTML 9Page - NXP Semiconductors SE97TL Datasheet HTML 10Page - NXP Semiconductors SE97TL Datasheet HTML 11Page - NXP Semiconductors SE97TL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
8 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
When Tamb ≥ Tth(crit) and Tamb < Tth(crit) − Thys the EVENT output is in Comparator mode
and bit 0 of CONFIG (EVENT output mode) is ignored.
Refer to Table 3 for figure note information.
Fig 7.
EVENT output condition
002aae324
time
temperature (
°C)
critical
EVENT in Interrupt mode
EVENT in Comparator mode
software interrupt clear
Lower Boundary Alarm
Upper Boundary Alarm
EVENT in ‘Critical Temp only’ mode
(1)
(2)
(1) (3)
(4)
(3)(5)
*
(6) (4)
(2)
Tamb
Ttrip(l) − Thys
Ttrip(u) − Thys
Tth(crit) − Thys
Ttrip(u) − Thys
Ttrip(l) − Thys
Table 3.
EVENT output condition
Figure
note
EVENT output boundary
conditions
EVENT output
Temperature Register Status bits
Comparator
mode
Interrupt
mode
Critical Temp
only mode
Bit 15
Above
Critical
Trip
Bit 14
Above
Alarm
Window
Bit 13
Below
Alarm
Window
(1)
Tamb ≥ Ttrip(l)
HLH
0
0
0
(2)
Tamb < Ttrip(l) − Thys
LL
H
0
0
1
(3)
Tamb > Ttrip(u)
LL
H
0
1
0
(4)
Tamb ≤ Ttrip(u) − Thys
HLH
0
0
0
(5)
Tamb ≥ Tth(crit)
LLL
1
1
0
(6)
Tamb < Tth(crit) − Thys
LH
H
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com