Electronic Components Datasheet Search
  English  ▼

X  

33784 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33784 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 30Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33784
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 11. Long Word Response Summary
Command
Name
LW & ELW
Hex
Description
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
Initialization
A3
A2
A1
A0
0
0
0
0
0
BSH
BSL
0
PA3
PA2
PA1
PA0
1
Request Status
A3
A2
A1
A0
0
0
0
0
0
BSH
BSL
0
0
IO2
IO1
IO0
2
Request AN0
A3
A2
A1
A0
0
0
0
0
B9
B8
B7
B6
B5
B4
B3
B2
3
I/O Control
A3
A2
A1
A0
0
0
0
0
0
L2
L1
L0
0
DR2
DR1
DR0
4
Request ID
Information
A3
A2
A1
A0
0
0
0
0
V3
V2
V1
V0
0
0
0
FPAR
5
Request AN1
A3
A2
A1
A0
0
0
0
0
B9
B8
B7
B6
B5
B4
B3
B2
6
Reserved
No Response
7
Clear
No Response
8
Reserved
No Response
9
Reserved
No Response
A
Format Control
A3
A2
A1
A0
0
0
0
0
R/W ADDR2 ADDR1 ADDR0 DATA3 DATA2 DATA1 DATA0
B
Reserved
No Response
C
Reserved
No Response
D
Reserved
No Response
E
Reserved for
test
No Response
F
Reserved
No Response
Legend
A[3:0] = Address bits. The slave address.
B[9:0] = Data bits.
BSH = Status of the High Side Bus Switch (1 = close).
BSL = Status of the Low Side Bus Switch (1 = close).
DR[2:0] = I/O direction bits (1 = Output).
IO[2:0] = Logic level of I/O.
L[2:0] = Level to output on I/O if configured as outputs.
PA[3:0] = Bus address to set the device to.
V[2:0] = Version number.
R/W = Shows if last command was a read Or Write. Write = 1.
ADDR[2:0] = Pointer to Format Control Register that was accessed.
DATA[3:0] = Data in the pointed-to Format Control Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com