Electronic Components Datasheet Search
  English  ▼

X  

33784 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33784 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33784
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to Analog Ground (AGND) unless otherwise noted. Exceeding these ratings may cause a
malfunction or permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
I/O0, I/O1, I/O2, AN0, AN1, TEST1, TEST2, TOUT Voltage
VIO
-0.3 to VREGOUT + 0.3
V
I/On, ANn, TESTn, TOUT Pin Current
IIO
5.0
mA
BUSOUT Voltage, BUS SW = open
VIN
-14 to 40
V
BUSIN Voltage, BUS SW = open
VIN
-0.3 to 40
V
RTNOUT Voltage, BUS SW = open
VIN
-14 to 25
V
H_CAP Voltage
VIN
-0.3 to 40
V
BUSIN, BUSOUT, and H_CAP Current (Continuous)
IIN
400
mA
BUSIN, RTNIN, reverse current (max 5 ms)
IREVLK
400
mA
RTNIN, RTNOUT Current
IBUSRTN
400
mA
IDDQ Voltage
VIDDQ
2.75
V
VREG Range
VRO
0.3 - 7.0
V
ESD Voltage(1)
Human Body Model (HBM)
Machine Model (MM)
Charge Device Model (CDM)
Corner pins
All other pins
VESD
±2000
±200
±750
±500
V
THERMAL RATINGS
Storage Temperature
TS
-55 to 150
°C
Operating Ambient Temperature
TA
-40 to 125
°C
Operating Junction Temperature
TJ
-40 to 150
°C
THERMAL RESISTANCE AND PACKAGE DISSIPATION RATINGS
Resistance, Junction-to-Ambient (Single Layer (1s) PCB Board)
RθJA
125
°C/W
Resistance, Junction-to-Board (Multi-Layer (2s2P) PCB Board)
RθJB
62
°C/W
Peak Package Reflow Temperature During Reflow(2),(3)
TPPRT
Note 3
°C
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (HBM) (C
ZAP= 100pF, RZAP=1500Ω), ESD2 testing is
performed in accordance with the Machine Model (MM) (CZAP=200pF, RZAP=0Ω); and Charge Body Model (CBM)
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com