Electronic Components Datasheet Search
  English  ▼

X  

MIC3003 Datasheet(PDF) 47 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 47 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 43Page - Micrel Semiconductor MIC3003 Datasheet HTML 44Page - Micrel Semiconductor MIC3003 Datasheet HTML 45Page - Micrel Semiconductor MIC3003 Datasheet HTML 46Page - Micrel Semiconductor MIC3003 Datasheet HTML 47Page - Micrel Semiconductor MIC3003 Datasheet HTML 48Page - Micrel Semiconductor MIC3003 Datasheet HTML 49Page - Micrel Semiconductor MIC3003 Datasheet HTML 50Page - Micrel Semiconductor MIC3003 Datasheet HTML 51Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
47
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Laser Diode Bias Current
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0mA)(3)
Serial address
A2h
Byte addresses
MS byte (ILDh):100 = 64h
LS byte (ILDl):101 = 65h
Each LSB of ILDh represents 512
μA, and each LS bit of ILDl represents 2 μA. ILDh is used in conjunction with ILDl to yield an
unsigned sixteen-bit value.
In external calibration mode, the host should process the results using the appropriate slope and offset coefficients. ILDh
contains the eight-bit ADC result and ILDl is zero.
In internal calibration mode, the MIC3003’s ALU applies the coefficients stored in (ISLPh:ISLPl) and (IOFFh:IOFFl).
The ILD registers will contain valid data after one ADC conversion cycle.
Transmitted Optical Power
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0mW)(4)
Serial address
A2h
Byte address
MS byte (TXOPh): 102 = 66h
LS byte (TXOPl): 103 = 67h
Each LSB of TXOPh represents 25.6
μW, and each LS bit of TXOPl represents 0.1 μW. TXOPh is used in conjunction with
TXOPl to yield an unsigned sixteen-bit value.
In external calibration mode, the host should process the results using the appropriate slope and offset coefficients. TXOPh
contains the eight-bit ADC result and TXOPl is zero.
In internal calibration mode, the MIC3003’s ALU applies the coefficients stored in (TXSLPh:TXSLPl) and (TXOFFh:TXOFFl).
The TXOP registers will contain valid data after one ADC conversion cycle.
Notes:
3. ILDh will contain measured data after one A/D conversion cycle.
4. TXOPh will contain measured data after one A/D conversion cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com