Electronic Components Datasheet Search
  English  ▼

X  

MIC3003 Datasheet(PDF) 69 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 69 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 65Page - Micrel Semiconductor MIC3003 Datasheet HTML 66Page - Micrel Semiconductor MIC3003 Datasheet HTML 67Page - Micrel Semiconductor MIC3003 Datasheet HTML 68Page - Micrel Semiconductor MIC3003 Datasheet HTML 69Page - Micrel Semiconductor MIC3003 Datasheet HTML 70Page - Micrel Semiconductor MIC3003 Datasheet HTML 71Page - Micrel Semiconductor MIC3003 Datasheet HTML 72Page - Micrel Semiconductor MIC3003 Datasheet HTML 73Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
69
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Configuration 4 (OEMCFG4)
D[7]
TXF_WRN
read/write
D[6]
TXF_ALM
read/write
D[5]
LAT_WRN
read/write
D[4]
LAT_ALM
read/write
D[3]
ISTART[3]
read/write
D[2]
ISTART[2]
read/write
D[1]
ISTART[1]
read/write
D[0]
ISTART[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
25 = 19h
This register is non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for
access to these registers.
Bit(s)
Function
Operation
D[7]
TXF_WRN
Allows warnings to assert
TXFAULT
0: Warnings do not assert TXFAULT
1: Warnings assert TXFAULT
The RXPWR low warning flag does not assert TXFAULT
D[6]
TXF_ALM
Allows alarms to assert
TXFAULT
0: Alarms do not assert TXFAULT
1: Alarms assert TXFAULT
The RXPWR low alarm flag does not assert TXFAULT
D[5]
LAT_WRN
Warning latch
0: Warnings flags are latched. They are cleared by reading
the register or toggling TXDISABLE.
1: Warnings flags are not latched., i.e. they are set and reset
with the warning condition. The flags are also cleared by
reading the register or toggling TXDISABLE.
D[4]
LAT_ALM
Alarm latch
0: Alarms flags are latched. They are cleared by reading the
register or toggling TXDISABLE.
1: Alarms flags are not latched., i.e. they are set and reset
with alarm condition. The flags are also cleared by reading
the register or toggling TXDISABLE.
D[3:0]
ISTART[3:0]
I
START current level selection.
I
START current level selection:
0000 = No I
START current
0001 - 1111 = 0.375 mA x I
START[[3:0]
I
START is used to speed up the laser start-up after a fault
occurs. The charging current of the compensation capacitor
starts from I
START instead of ramping up from 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com