Electronic Components Datasheet Search
  English  ▼

X  

MIC3003 Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 23Page - Micrel Semiconductor MIC3003 Datasheet HTML 24Page - Micrel Semiconductor MIC3003 Datasheet HTML 25Page - Micrel Semiconductor MIC3003 Datasheet HTML 26Page - Micrel Semiconductor MIC3003 Datasheet HTML 27Page - Micrel Semiconductor MIC3003 Datasheet HTML 28Page - Micrel Semiconductor MIC3003 Datasheet HTML 29Page - Micrel Semiconductor MIC3003 Datasheet HTML 30Page - Micrel Semiconductor MIC3003 Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
27
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Figure 8. VMOD Configured as Voltage Output
with Gain
Power On and Laser Start-Up
When power is applied, the MIC3003 initializes its
internal registers and state machine. This process takes
tPOR, about 50ms. Following tPOR, analog-to-digital
conversions begin, serial communication is possible, and
the POR bit and data ready bits may be polled. The first
set of analog data will be available tCONV after tPOR.
MIC3003s are shipped from the factory with the output
enable bit, OE, set to zero, off. The MIC3003’s power-up
default state, therefore, is APC off, VBIAS, VMOD, and
SHDN outputs disabled. VBIAS, VMOD, and SHDN will be
floating (high impedance) and the laser diode, if
connected, will be off. Once the device is incorporated
into a transceiver and properly configured, then the
shutdown states of SHDN, VBIAS, and VMOD will be
determined by the state of the APC configuration and
OE bits. Tables 13, 14, and 15 illustrate the shutdown
states of the various laser control outputs versus the
control bits.
Configuration Bits
Shutdown State
OE
SPOL
SHDN
0
Don’t Care
Hi-Z
1
0
GND
1
1
VDD
Table 13. Shutdown State of SHDN vs.
Configuration Bits
Configuration Bits
VBIAS Shutdown State
OE
INV
BIASREF
VBIAS
0
Don’t Care
Don’t Care
Hi-Z
1
Don’t Care
0
GND
1
Don’t Care
1
VDD
Table 14. Shutdown State of VBIAS vs.
Configuration Bits
Configuration Bits
VMOD Shutdown State
OE
MODREF
VMOD
0
Don’t Care
Hi-Z
1
0
GND
1
1
VDD
Table 15. Shutdown State of VMOD vs.
Configuration Bits
In order to facilitate hot-plugging, the laser diode is not
turned on until tINIT2 after Power-On. Following tINIT2, and
assuming TXDISABLE is not asserted, the DACs will be
loaded with their initial values. Since tCONV is much less
than tINIT2, the first set of analog data, including
temperature,
is
available
at
tINIT2. Temperature
compensation will be applied to the DAC values if
enabled. APC will begin if OE is asserted. (If the output
enable bit, OE, is not set, the VMOD, VBIAS, and SHDN
outputs will float indefinitely.) Figure 9 shows the power-
up timing of the MIC3003. If TXDISABLE is asserted at
power-up, the VMOD and VBIAS outputs will stay in their
shutdown states following MIC3003 initialization. A/D
conversions will begin, but the laser will remain off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com