Electronic Components Datasheet Search
  English  ▼

X  

MIC3003 Datasheet(PDF) 45 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 45 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 41Page - Micrel Semiconductor MIC3003 Datasheet HTML 42Page - Micrel Semiconductor MIC3003 Datasheet HTML 43Page - Micrel Semiconductor MIC3003 Datasheet HTML 44Page - Micrel Semiconductor MIC3003 Datasheet HTML 45Page - Micrel Semiconductor MIC3003 Datasheet HTML 46Page - Micrel Semiconductor MIC3003 Datasheet HTML 47Page - Micrel Semiconductor MIC3003 Datasheet HTML 48Page - Micrel Semiconductor MIC3003 Datasheet HTML 49Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
45
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
RX Optical Power High Warning Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 mW)
Serial address
A2h
Byte addresses
MS byte (RXHIGHh): 36 = 24h
LS byte (RXHIGHl): 37 = 25h
Each LS bit of RXHIGHh represents 25.6
μW, and each LS bit of RXHIGHl represents 0.1 μW. The sixteen-bit threshold value
(RXHIGHh:RXHIGHl) is compared to the sixteen-bit value of the RX power result (RXOPh:RXOPl). WARN1 bit 7 is set if
Result > Threshold.
RX Optical Power Low Warning Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 mW)
Serial address
A2h
Byte addresses
MS byte (RXLOWh): 38 = 26h
LS byte (RXLOWl): 39 = 27h
Each LSB of RXLOWh represents 25.6
μW, and each LS bit of RXLOWl represents 0.1 μW. The sixteen-bit threshold value
(RXLOWh:RXLOWl) is compared to the sixteen-bit value of the RX power result (RXOPh:RXOPl). WARN1 bit 6 is set if
Result < Threshold.
Checksum (CHKSUM)
Checksum of bytes 0 - 94 at serial address A2h
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value
0000 0000b = 00h
Serial address
A2h
Byte address
95 = 5Fh
This register is provided for compliance with SFF-8472. It is implemented as general-purpose non-volatile memory. Read/write
access is possible whenever a valid OEM password has been entered. CHKSUM is read-only in User Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com