Electronic Components Datasheet Search
  English  ▼

X  

ADG1438 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1438
Description  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1438 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1438 Datasheet HTML 5Page - Analog Devices ADG1438 Datasheet HTML 6Page - Analog Devices ADG1438 Datasheet HTML 7Page - Analog Devices ADG1438 Datasheet HTML 8Page - Analog Devices ADG1438 Datasheet HTML 9Page - Analog Devices ADG1438 Datasheet HTML 10Page - Analog Devices ADG1438 Datasheet HTML 11Page - Analog Devices ADG1438 Datasheet HTML 12Page - Analog Devices ADG1438 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 9 of 20
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2 (see Figure 3).
VDD = 4.5 V to 16.5 V; VSS = −16.5 V to 0 V; VL = 2.7 V to 5.5 V or VDD (whichever is less); GND = 0 V; all specifications TMIN to TMAX,
unless otherwise noted.1
Table 7.
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
t12
20
ns min
SCLK cycle time
t2
9
ns min
SCLK high time
t3
9
ns min
SCLK low time
t4
5
ns min
SYNC to SCLK active edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
5
ns min
SCLK active edge to SYNC rising edge
t8
15
ns min
Minimum SYNC high time
t9
5
ns min
SYNC rising edge to next SCLK active edge ignored
t10
5
ns min
SCLK active edge to SYNC falling edge ignored
t113
40
ns max
SCLK rising edge to SDO valid
t12
15
ns min
Minimum RESET pulse width
1 Guaranteed by design and characterization, not production tested.
2 Maximum SCLK frequency is 50 MHz at VDD = 4.5 V to 16.5 V; VSS = −16.5 V to 0 V; VL = 2.7 V to 5.5 V or VDD (whichever is less); GND = 0 V.
3 Measured with the 1 k
Ω pull-up resistor to V
L
and 20 pF load. t11 determines the maximum SCLK frequency in daisy-chain mode.
TIMING DIAGRAM
t4
t3
SCLK
SYNC
DIN
t1
t2
t5
t6
t7
t8
DB7
t9
t10
t12
DB0
RESET
Figure 3. Serial Write Operation
t8
t4
t3
t6
t11
t7
t9
t5
816
SCLK
SYNC
DIN
SDO
UNDEFINED
INPUT WORD FOR DEVICE N
INPUT WORD FOR DEVICE N
INPUT WORD FOR DEVICE N + 1
t1
t2
DB0
DB7
DB0
DB7
DB7
DB0
Figure 4. Daisy-Chain Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com