Electronic Components Datasheet Search
  English  ▼

X  

ADG1438 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG1438
Description  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1438 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG1438 Datasheet HTML 12Page - Analog Devices ADG1438 Datasheet HTML 13Page - Analog Devices ADG1438 Datasheet HTML 14Page - Analog Devices ADG1438 Datasheet HTML 15Page - Analog Devices ADG1438 Datasheet HTML 16Page - Analog Devices ADG1438 Datasheet HTML 17Page - Analog Devices ADG1438 Datasheet HTML 18Page - Analog Devices ADG1438 Datasheet HTML 19Page - Analog Devices ADG1438 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 16 of 20
TEST CIRCUITS
IDS
SD
VS
V
Figure 27. On Resistance
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
Figure 28. Off Leakage
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Figure 29. On Leakage
GND
VDD
VDD
VSS
VSS
50%
tOFF
tON
90%
90%
50%
VOUT
VOUT
D
VS1
VS1
ADG1438*
S1
S8
S2 TO S7
RL
300Ω
CL
35pF
SYNC
VS8
* SIMILAR CONNECTION FOR ADG1439
Figure 30. Switching Times, tON/tOFF
3V
0V
OUTPUT
80%
80%
tBBM
OUTPUT
ADG14381
100Ω
GND
S1
S2 TO S7
S8
D
35pF
VDD
VSS
VDD
VSS
VS
1SIMILAR CONNECTION FOR ADG1439.
SYNC
VS1 = VS8
Figure 31. Break-Before-Make Delay, tBBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com