Electronic Components Datasheet Search
  English  ▼

X  

ADG1438 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1438
Description  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1438 Datasheet(HTML) 3 Page - Analog Devices

  ADG1438 Datasheet HTML 1Page - Analog Devices ADG1438 Datasheet HTML 2Page - Analog Devices ADG1438 Datasheet HTML 3Page - Analog Devices ADG1438 Datasheet HTML 4Page - Analog Devices ADG1438 Datasheet HTML 5Page - Analog Devices ADG1438 Datasheet HTML 6Page - Analog Devices ADG1438 Datasheet HTML 7Page - Analog Devices ADG1438 Datasheet HTML 8Page - Analog Devices ADG1438 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 3 of 20
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = +15 V ± 10%, VSS = –15 V ± 10%, VL = 2.7 V to 5.5 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
9.5
Ω typ
VDD = +13.5 V, VSS = −13.5 V, VS = ±10 V,
IS = −10 mA; see Figure 27.
11.5
14
16
Ω max
On-Resistance Match Between
Channels (ΔRON)
0.55
Ω typ
VDD = +13.5 V, VSS = −13.5 V, VS = ±10 V,
IS = −10 mA.
1
1.5
1.7
Ω max
On-Resistance Flatness (RFLAT(ON))
1.6
Ω typ
VDD = +13.5 V, VSS = −13.5 V, VS = ±10 V,
IS = −10 mA.
1.9
2.15
2.3
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS
−16.5 V.
=
Source Off Leakage, IS (Off )
±0.05
nA typ
VS = ±10 V, VD =
10 V; see Figure 28.
±0.15
±1
±2
nA max
Drain Off Leakage, ID (Off )
±0.05
nA typ
VS = ±10 V, VD =
10 V; see Figure 28.
ADG1438
±0.25
±3
±12
nA max
ADG1439
±0.25
±1.5
±6
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = ±10 V; see Figure 29.
±0.3
±3
±12
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
±0.001
μA typ
VIN = VGND or VL.
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
LOGIC OUTPUTS (SDO)
Output Low Voltage, VOL 1
0.4
V max
ISINK = 3 mA.
0.6
V max
ISINK = 6 mA.
High Impedance Leakage Current
0.001
μA typ
±1
μA max
High Impedance Output
Capacitance1
4
pF typ
DYNAMIC CHARACTERISTICS1
Break-Before-Make Time Delay,
tBBM
55
ns typ
RL = 100 Ω, CL = 35 pF.
30
ns min
VS1 = VS2 = 10 V; see Figure 31.
Transition Time, tTRANSITION
80
ns typ
RL = 100 Ω, CL = 35 pF.
100
120
130
ns max
VS = 10 V; see Figure 30.
Charge Injection
4
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
see Figure 32.
Off Isolation
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 33.
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 34.
Total Harmonic Distortion (THD + N)
0.057
% typ
RL = 110 Ω, 15 V p-p, f = 20 Hz to
20 kHz; see Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com