Electronic Components Datasheet Search
  English  ▼

X  

ADG1438 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG1438
Description  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1438 Datasheet(HTML) 2 Page - Analog Devices

  ADG1438 Datasheet HTML 1Page - Analog Devices ADG1438 Datasheet HTML 2Page - Analog Devices ADG1438 Datasheet HTML 3Page - Analog Devices ADG1438 Datasheet HTML 4Page - Analog Devices ADG1438 Datasheet HTML 5Page - Analog Devices ADG1438 Datasheet HTML 6Page - Analog Devices ADG1438 Datasheet HTML 7Page - Analog Devices ADG1438 Datasheet HTML 8Page - Analog Devices ADG1438 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
±15 V Dual Supply ....................................................................... 3
 
12 V Single Supply........................................................................ 5
 
±5 V Dual Supply ......................................................................... 7
 
Continuous Current per Channel .............................................. 8
 
Timing Characteristics ................................................................ 9
 
Timing Diagram ........................................................................... 9
 
Absolute Maximum Ratings.......................................................... 10
 
Thermal Resistance .................................................................... 10
 
ESD Caution................................................................................ 10
 
Pin Configurations and Function Descriptions ......................... 11
 
Typical Performance Characteristics ........................................... 13
 
Test Circuits..................................................................................... 16
 
Terminology .................................................................................... 18
 
Theory of Operation ...................................................................... 19
 
Serial Interface ............................................................................ 19
 
Input Shift Register .................................................................... 19
 
Power-On Reset.......................................................................... 19
 
Daisy-Chaining........................................................................... 19
 
Outline Dimensions ....................................................................... 20
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
10/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com