Electronic Components Datasheet Search
  English  ▼

X  

SC9822P Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9822P
Description  MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9822P Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9822P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SC9822P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 1 of 30
MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
LQFP-64-10x10-0.5
DESCRIPTION
SC9822P is a sing-chip Mp3 decoder with electronic shockproof
function. It can be used in CD player, DISC-MAN and such systems
which need MP3 decoder. And this chip provides smaller package,
lower power dissipation and higher cost performance ratio.
FEATURES
* Provide ECC and EDC functions for CD-ROM data error
correcting.
* ISO/IEC 11172-3 L3 L2 L1 decode
* ISO/IEC 13818-3 L3 L2 L1 decode
* Support all MP3 bit rates and free formats under SO/IEC
11172-3 L3 L2 L1 specifications.
* Support all MP3 bit rates and free formats under SO/IEC
13818-3 L3 L2 L1 specifications.
* Support 48K/44.1K/32K MP3 standard sampling rate,
24K/22.05K/16K and 12K/11.025/8K low sampling rate
* Support single/double/stereo/union stereo
* Provide 16: 4, 16: 5, 16: 6 and non-compression four
compression modes
* Provide 3 pairs data, 2 pairs data and direct comparison
connect three comparison connect modes.
* Serial host interface
* Support CD-DA straight through mode
* Support SDRAM/DRAM interface
* Only one external 16.9344MHz crystal oscillator
* Power management: normal mode, brownout mode and
dormancy mode
* Various playing functions: skip forward/backward in track, skip
forward/backward between tracks, pause, play and so on.
* Support the file systems in ISO9660, Joliet and UDF formats
* Support 1M/4M/8M/16Mx16 SDRAM, 1M/4M x16 DRAM
ORDERING INFORMATION
Device
Package
SC9822P
LQFP-64-10X10-0.5
APPLICATIONS
* Desk-top audio
* Portable CD/Mp3 player
* Car audio


Similar Part No. - SC9822P

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9821C SILAN-SC9821C Datasheet
419Kb / 18P
CD ELECTRONIC SHOCKPROOF CONTROLLER
SC9827 SILAN-SC9827 Datasheet
432Kb / 7P
VCD SIGNAL-CHIP PROCESSOR
More results

Similar Description - SC9822P

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
Stereo audio coder-decoder for MD, CD and MP3
logo
ATMEL Corporation
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
logo
Samsung semiconductor
S5L9274 SAMSUNG-S5L9274 Datasheet
241Kb / 36P
DECODER FOR CD-MP3/CD-ROM
logo
ATMEL Corporation
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C_06 Datasheet
2Mb / 212P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
Single-Chip MP3 Decoder with Full Audio Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
logo
Princeton Technology Co...
PT8405 PTC-PT8405 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com