Electronic Components Datasheet Search
  English  ▼

X  

SC9822P Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9822P
Description  MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9822P Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9822P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SC9822P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 4 of 30
PIN DESCRIPTION
Pin No.
Pin name
I/O
Pin description
1
Addr<4>
O
SDRAM/DRAM address pin 4
2
Addr<5>
O
SDRAM/DRAM address pin 5
3
Addr<6>
O
SDRAM/DRAM address pin 6
4
Addr<7>
O
SDRAM/DRAM address pin 7
5
Addr<8>
O
SDRAM/DRAM address pin 8
6
Addr<9>
O
SDRAM/DRAM address pin 9
7
VDD3.3
I
Port supply voltage (3.3V)
8
Addr<10>
O
SDRAM/DRAM address pin 10
9
Addr<11>
O
SDRAM/DRAM address pin 11
10
SClk
O
16.9344M SDRAM/DRAM clock output pin
11
CKE
O
SDRAM/DRAM clock enable output pin
12
BankSelect<0>
O
SDRAM/DRAM block selecting output pin 0
13
VSS
I
Ground
14
VDD1.8
I
Kernel supply voltage (1.8V)
15
BankSelect<1>
O
SDRAM/DRAM block selecting output pin 1
16
NotWE
O
SDRAM/DRAM write output pin which is a low active.
17
NotRAS
O
SDRAM/DRAM row address strobe pin which is a low active.
18
NotCAS
O
SDRAM/DRAM column address strobe pin which is a low
active.
19
VDD1.8
I
OTP download voltage.
20
NotCSArray<0>
O
SDRAM/DRAM chip selection output 0 which is a low active.
21
DQ<0>
I/O
SDRAM/DRAM data pin 0 with internal pull-up resistor.
22
DQ<1>
I/O
SDRAM/DRAM data pin 1 with internal pull-up resistor.
23
DQ<2>
I/O
SDRAM/DRAM data pin 2 with internal pull-up resistor.
24
DQ<3>
I/O
SDRAM/DRAM data pin 3 with internal pull-up resistor.
25
DQ<4>
I/O
SDRAM/DRAM data pin 4 with internal pull-up resistor.
26
VDD3.3
I
Port supply voltage (3.3V)
27
DQ<5>
I/O
SDRAM/DRAM data pin 5 with internal pull-up resistor.
28
DQ<6>
I/O
SDRAM/DRAM data pin 6 with internal pull-up resistor.
29
VDD1.8
I
Kernel supply voltage(1.8V)
30
VSS
I
Ground
31
DQ<7>
I/O
SDRAM/DRAM data pin 7 with internal pull-up resistor.
32
DQ<8>
I/O
SDRAM/DRAM data pin 8 with internal pull-up resistor.
33
DQ<9>
I/O
SDRAM/DRAM data pin 9 with internal pull-up resistor.
34
DQ<10>
I/O
SDRAM/DRAM data pin 10 with internal pull-up resistor.
35
DQ<11>
I/O
SDRAM/DRAM data pin 11 with internal pull-up resistor.
36
DQ<12>
I/O
SDRAM/DRAM data pin 12 with internal pull-up resistor.
37
DQ<13>
I/O
SDRAM/DRAM data pin 13 with internal pull-up resistor.
38
DQ<14>
I/O
SDRAM/DRAM data pin 14 with internal pull-up resistor.
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com