Electronic Components Datasheet Search
  English  ▼

X  

SC9822P Datasheet(PDF) 18 Page - Silan Microelectronics Joint-stock

Part # SC9822P
Description  MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9822P Datasheet(HTML) 18 Page - Silan Microelectronics Joint-stock

Back Button SC9822P Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 22Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SC9822P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 18 of 30
(Continued)
Symbol
Address
R/W
Initialization
Description
SC91H [7:0]
Note: The flag of this
register
denotes
the
state
signal;
if
the
status is not satisfied,
the corresponding bit
will clear automatically.
0x54
R
0x00
Bit[3] : LocalReset status signal
0-> none LocalReset operation
1-> LocalReset operating
Note:
In normal, LocalReset operating time is very
short, so the status signal should remain 0.
Bit[4]: Decoder operation status signal
0-> decoder stop
1-> decoder operate
Bit[5]: Encoder operation status signal:
0-> encoder stop,
1-> encoder operate
Bit[6]: Dram overflow symbol
0-> Dram in normal
1-> Dram overflow
Bit[7]: Dram empty symbol
0->
Dram
have
valid
data
supply
for
decoder,
1-> Dram empty, no valid data supply for
decoder.
MSC92H High[7:0]
0x55
R
0x00
Bit[7:0]: The remain valid data in DRAM take
page as unit. The high 8 bit data, each
page is 256×16bit.
MSC92HLow [7:0]
0x56
R
0x00
Bit[7:0]: The remain valid data in Dram take
page as unit, there is the low 8 bits,
each page is 256×16bits.
Note: because the 16-bit pointer is divided two
parts for read operation, in the reading,
the pointer also operating, so we should
notice the carry bit in reading operation
of main control processing.
Esp configuration register
BitPoolPageLimitHigh
[7:0]
0x58
W
0x07
BitPoolPageLimitHigh and
BitPoolPageLimitLow form the up limit of
DRAM, and determined the DRAM space as
ESP buffer;
Note:
the external DRAM space of BitPool
address which can be accessed by BitPool is
Page[0, BitPoolLimitHigh &
BitPoolPageLimitLow]. In the current MCU
design, each page is 256×16bit
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com