Electronic Components Datasheet Search
  English  ▼

X  

SC9822P Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9822P
Description  MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9822P Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9822P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SC9822P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 5 of 30
(Continued)
Pin No.
Pin name
I/O
Pin description
39
DQ<15>
I/O
SDRAM/DRAM data pin 15 with internal pull-up resistor.
40
DacWs
O
Word selection clock pin output to DAC.
41
DacBck
O
Bit clock pin output to DAC.
42
DacSd
O
Data pin output to DAC.
43
DacSysClk
O
System clock output to DAC.
44
Ws
I
Word selection clock input pin of CD-DSP.
45
Bck
I
Bit clock input pin of CD-DSP.
46
Sd
I
Data input pin of CD-DSP.
47
VDD3.3
I
Port supply voltage (3.3V).
48
XALTI
I
Oscillator input pin.
49
XALTO
O
Oscillator output pin.
50
NotExtAsyncReset
I
System reset pin which is a low active.
51
TestMode
I
Test mode pin which is a high active and connected to ground
when it is not in test mode.
52
VSS
I
Ground
53
VDD1.8
I
Kernel supply voltage (1.8V)
54
SsiSClk
I
MCU clock input pin.
55
Data
I/O
MCU data pin.
56
DataAvail
I
MCU telecommunication control pin.
57
YFCLK
I
Sync signal of sub code frame.
58
YBLKCK
I
Sync signal of sub code block.
59
YFLAG
I
CD servo error flag.
60
InterruptToMcu
O
Interrupt pin which is a high active and output to MCU.
61
Addr<0>
O
SDRAM/DRAM address pin 0
62
Addr<1>
O
SDRAM/DRAM address pin 1
63
Addr<2>
O
SDRAM/DRAM address pin 2
64
Addr<3>
O
SDRAM/DRAM address pin 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com