Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3971
Description  38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3971 Datasheet HTML 3Page - Linear Technology LT3971 Datasheet HTML 4Page - Linear Technology LT3971 Datasheet HTML 5Page - Linear Technology LT3971 Datasheet HTML 6Page - Linear Technology LT3971 Datasheet HTML 7Page - Linear Technology LT3971 Datasheet HTML 8Page - Linear Technology LT3971 Datasheet HTML 9Page - Linear Technology LT3971 Datasheet HTML 10Page - Linear Technology LT3971 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3971
7
3971f
PIN FUNCTIONS
BD (Pin 1): This pin connects to the anode of the boost
diode. The BD pin is normally connected to the output.
BOOST (Pin 2): This pin is used to provide a drive volt-
age, higher than the input voltage, to the internal bipolar
NPN power switch.
SW (Pin 3): The SW pin is the output of an internal power
switch. Connect this pin to the inductor, catch diode, and
boost capacitor.
VIN (Pin 4): The VIN pin supplies current to the LT3971’s
internal circuitry and to the internal power switch. This
pin must be locally bypassed.
EN (Pin 5): The part is in shutdown when this pin is low
and active when this pin is high. The hysteretic threshold
voltage is 1.005V going up and 0.975V going down. The EN
threshold is only accurate when VIN is above 4.3V. If VIN is
lower than 4.2V, ground EN to place the part in shutdown.
Tie to VIN if shutdown feature is not used.
FB (Pin 6): The LT3971 regulates the FB pin to 1.19V.
Connect the feedback resistor divider tap to this pin. Also,
connect a phase lead capacitor between FB and VOUT.
Typically this capacitor is 10pF.
SS (Pin 7): A capacitor is tied between SS and ground to
slowly ramp up the peak current limit of the LT3971 on
start-up. The soft-start capacitor is only actively discharged
when EN is low. The SS pin is released when the EN pin
goes high. Float this pin to disable soft-start. For applica-
tions with input voltages above 25V, add a 100k resistor
in series with the soft-start capacitor.
RT (Pin 8): A resistor is tied between RT and ground to
set the switching frequency.
PG (Pin 9): The PG pin is the open-drain output of an
internal comparator. PGOOD remains low until the FB pin
is within 9% of the final regulation voltage. PGOOD is valid
when the LT3971 is enabled and VIN is above 4.3V.
SYNC (Pin 10): This is the external clock synchronization
input. Ground this pin for low ripple Burst Mode operation
at low output loads. Tie to a clock source for synchroni-
zation, which will include pulse-skipping at low output
loads. When in pulse-skipping mode, quiescent current
increases to 1.5mA.
GND (Exposed Pad Pin 11): Ground. The exposed pad
must be soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com