Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3971
Description  38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 2 Page - Linear Technology

  LT3971 Datasheet HTML 1Page - Linear Technology LT3971 Datasheet HTML 2Page - Linear Technology LT3971 Datasheet HTML 3Page - Linear Technology LT3971 Datasheet HTML 4Page - Linear Technology LT3971 Datasheet HTML 5Page - Linear Technology LT3971 Datasheet HTML 6Page - Linear Technology LT3971 Datasheet HTML 7Page - Linear Technology LT3971 Datasheet HTML 8Page - Linear Technology LT3971 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3971
2
3971f
ABSOLUTE MAXIMUM RATINGS
VIN, EN Voltage .........................................................38V
BOOST Pin Voltage ...................................................55V
BOOST Pin Above SW Pin.........................................30V
FB, RT, SYNC, SS Voltage ...........................................6V
PG, BD Voltage .........................................................30V
Boost Diode Current....................................................1A
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
11
GND
9
6
7
8
4
5
3
2
1
SYNC
PG
RT
SS
FB
BD
BOOST
SW
VIN
EN
θJA = 45°C, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
BD
BOOST
SW
VIN
EN
10
9
8
7
6
11
GND
SYNC
PG
RT
SS
FB
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
θJA = 45°C, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3971EDD#PBF
LT3971EDD#TRPBF
LFJF
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3971IDD#PBF
LT3971IDD#TRPBF
LFJF
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3971EMSE#PBF
LT3971EMSE#TRPBF
LTFJG
10-Lead Plastic MSOP
–40°C to 125°C
LT3971IMSE#PBF
LT3971IMSE#TRPBF
LTFJG
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Note 2)
LT3971E............................................. –40°C to 125°C
LT3971I.............................................. –40°C to 125°C
Storage Temperature Range .............. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(MSE Only) ....................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com