Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3971
Description  38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 1 Page - Linear Technology

  LT3971 Datasheet HTML 1Page - Linear Technology LT3971 Datasheet HTML 2Page - Linear Technology LT3971 Datasheet HTML 3Page - Linear Technology LT3971 Datasheet HTML 4Page - Linear Technology LT3971 Datasheet HTML 5Page - Linear Technology LT3971 Datasheet HTML 6Page - Linear Technology LT3971 Datasheet HTML 7Page - Linear Technology LT3971 Datasheet HTML 8Page - Linear Technology LT3971 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3971
1
3971f
TYPICAL APPLICATION
DESCRIPTION
38V, 1.2A, 2MHz
Step-Down Regulator with
2.8µA Quiescent Current
The LT®3971 is an adjustable frequency monolithic buck
switching regulator that accepts a wide input voltage range
up to 38V. Low quiescent current design consumes only
2.8μA of supply current while regulating with no load. Low
ripple Burst Mode operation maintains high efficiency at
low output currents while keeping the output ripple below
15mV in a typical application. An internally compensated
current mode topology is used for fast transient response
and good loop stability. A high efficiency 0.33Ω switch
is included on the die along with a boost Schottky diode
and the necessary oscillator, control and logic circuitry.
An accurate 1V threshold enable pin can be used to shut
down the LT3971, reducing the input supply current to
700nA. A capacitor on the SS pin provides a controlled
inrush current (soft-start). A power good flag signals
when VOUT reaches 91% of the programmed output volt-
age. The LT3971 is available in small 10-pin MSOP and
3mm
× 3mm DFN packages with exposed pads for low
thermal resistance.
L, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
3.3V Step Down Converter
FEATURES
APPLICATIONS
n Ultralow Quiescent Current:
2.8μA IQ Regulating 12VIN to 3.3VOUT
n Low Ripple Burst Mode® Operation:
Output Ripple < 15mVP-P
n Wide Input Voltage Range: 4.3V to 38V
n 1.2A Maximum Output Current
n Adjustable Switching Frequency: 200kHz to 2MHz
n Synchronizable Between 250kHz to 2MHz
n Fast Transient Response
n Accurate 1V Enable Pin Threshold
n Low Shutdown Current: IQ = 700nA
n Power Good Flag
n Soft-Start Capability
n Internal Compensation
n Saturating Switch Design: 0.33Ω On-Resistance
n Output Voltage: 1.19V to 30V
n Small Thermally Enhanced 10-Pin MSOP Package
and (3mm
× 3mm) DFN Packages
n Automotive Battery Regulation
n Power for Portable Products
n Industrial Supplies
No Load Supply Current
SW
FB
SS
RT
VIN
VIN
4.5V TO 38V
VOUT
3.3V
1.2A
4.7μF
0.47μF
22μF
1M
49.9k
4.7μH
1.78M
GND
BD
SYNC
OFF ON
10pF
LT3971
3480 TA01
EN
BOOST
PG
INPUT VOLTAGE (V)
0
1.0
10
20
30
40
3971 TA01b
2.0
1.5
4.0
3.5
3.0
2.5


Similar Part No. - LT3971

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3971 LINER-LT3971 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3971 LINER-LT3971 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3971 LINER-LT3971 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT3971 LINER-LT3971 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT3971 LINER-LT3971 Datasheet
269Kb / 26P
High Efficiency, 65V 500mA Synchronous
More results

Similar Description - LT3971

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3971A LINER-LT3971A_15 Datasheet
357Kb / 24P
38V, 1.3A, 2MHz Step-Down Regulator with 2.2A Quiescent Current
LT3971A-5 LINER-LT3971A-5_15 Datasheet
357Kb / 24P
38V, 1.3A, 2MHz Step-Down Regulator with 2.2A Quiescent Current
LT3971 LINER-LT3971_15 Datasheet
633Kb / 28P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971A LINER-LT3971A Datasheet
357Kb / 24P
38V, 1.3A, 2MHz Step-Down Regulator with 2.2關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com