Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3971
Description  38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 4 Page - Linear Technology

  LT3971 Datasheet HTML 1Page - Linear Technology LT3971 Datasheet HTML 2Page - Linear Technology LT3971 Datasheet HTML 3Page - Linear Technology LT3971 Datasheet HTML 4Page - Linear Technology LT3971 Datasheet HTML 5Page - Linear Technology LT3971 Datasheet HTML 6Page - Linear Technology LT3971 Datasheet HTML 7Page - Linear Technology LT3971 Datasheet HTML 8Page - Linear Technology LT3971 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3971
4
3971f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency, VOUT = 3.3V
No Load Supply Current
No Load Supply Current
Feedback Voltage
Efficiency, VOUT = 5V
Efficiency, VOUT = 3.3V
Efficiency, VOUT = 5V
TA = 25°C, unless otherwise noted.
Maximum Load Current
Maximum Load Current
LOAD CURRENT (A)
3971 G01
100
30
40
50
60
70
80
90
20
0
1.2
1
0.8
0.6
0.4
0.2
VIN = 12V
VIN = 24V
VIN = 36V
FRONT PAGE APPLICATION
VOUT = 5V
R1 = 1M
R2 = 309k
LOAD CURRENT (A)
FRONT PAGE APPLICATION
3971 G02
100
30
40
50
60
70
80
90
20
0
1.2
1
0.8
0.6
0.4
0.2
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
3971 G03
100
30
20
10
40
50
60
70
80
90
0
0.01
1000
100
10
1
0.1
VIN = 36V
FRONT PAGE APPLICATION
VOUT = 5V
R1 = 1M
R2 = 309k
VIN = 24V
VIN = 12V
LOAD CURRENT (mA)
3971 G04
90
30
20
10
40
50
60
70
80
0
0.01
1000
100
10
1
0.1
VIN = 12V
VIN = 24V
VIN = 36V
FRONT PAGE APPLICATION
TEMPERATURE (°C)
3971 G05
100
10
1
–55
–25
155
125
95
65
35
5
DIODES, INC.
DFLS2100
INPUT VOLTAGE (V)
0
1.0
10
FRONT PAGE APPLICATION
VOUT = 3.3V
20
30
40
3971 G06
2.0
1.5
4.0
3.5
3.0
2.5
TEMPERATURE (°C)
3971 G07
1.205
1.180
1.185
1.190
1.195
1.200
1.175
–55
155
65
95
125
35
5
–25
INPUT VOLTAGE (V)
3971 G08
3.0
0.5
1.0
1.5
2.0
2.5
0
540
25
30
35
TYPICAL
MINIMUM
20
15
10
FRONT PAGE APPLICATION
VOUT = 3.3V
INPUT VOLTAGE (V)
3971 G09
2.5
0.5
1.0
1.5
2.0
0
540
25
30
35
TYPICAL
MINIMUM
20
15
10
FRONT PAGE APPLICATION
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com