Electronic Components Datasheet Search
  English  ▼

X  

LTC4100 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 3Page - Linear Technology LTC4100_09 Datasheet HTML 4Page - Linear Technology LTC4100_09 Datasheet HTML 5Page - Linear Technology LTC4100_09 Datasheet HTML 6Page - Linear Technology LTC4100_09 Datasheet HTML 7Page - Linear Technology LTC4100_09 Datasheet HTML 8Page - Linear Technology LTC4100_09 Datasheet HTML 9Page - Linear Technology LTC4100_09 Datasheet HTML 10Page - Linear Technology LTC4100_09 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC4100
7
4100fb
TYPICAL PERFORMANCE CHARACTERISTICS
Charging Current Error
Charging Voltage Error
CHARGING CURRENT (A)
0
0.4
0.2
0.3
0.1
0
–0.1
–0.2
–0.3
–0.4
1
4100 G10
2
4
3
DCIN = 15V, NoLowI
DCIN = 20V, NoLowI
DCIN = 15V, LowI
DCIN = 20V, LowI
VDD = 5V
TEMP = 27°C
VLOAD = 12V
CHARGING VOLTAGE (V)
0
0.150
0.100
0.125
0.075
0.050
0
0.025
–0.025
–0.050
–0.075
–0.100
–0.125
–0.150
16
4100 G11
4
2
6
10
14
18
8
12
22
20
DCIN = 15V
VDD = 5V
TEMP = 27°C
ILOAD = 0.120A
DCIN = 20V
PIN FUNCTIONS
TGATE (Pin 1): Drives the Top External P-MOSFET of the
Battery Charger Buck Converter.
PGND (Pin 2): High Current Ground Return for BGATE
Driver.
BGATE (Pin 3): Drives the Bottom External N-MOSFET of
the Battery Charger Buck Converter.
INFET (Pin 4): Drives the Gate of the External Input
P-MOSFET.
DCIN (Pin 5): External DC Power Source Input. Bypass to
ground with a 0.1μF capacitor.
CHGEN (Pin 6): Digital Bidirectional Pin to Enable Charger
Function. This pin is connected as a wired AND bus.
The following events will cause the POWER_FAIL bit in
the ChargerStatus register to become set:
1. An external device pulling the CHGEN signal to within
0.9V to GND;
2. The AC adapter voltage is not above the battery volt-
age.
SMBALERT (Pin 7): Active Low Interrupt Output to Host
(referred to as the SMBALERT# signal in the SMBus Revi-
sion 1.1 specification). Signals host that there has been a
change of status in the charger registers and that the host
should read the LTC4100 status registers to determine if
any action on its part is required. This signal can be con-
nected to the optional SMBALERT# line of the SMBus.
Open drain with weak current source pull-up to VDD (with
Schottky to allow it to be pulled to 5V externally).
SDA (Pin 8): SMBus Data Signal from Main (host-con-
trolled) SMBus. External pull-up resistor is required.
SCL (Pin 9): SMBus Clock Signal from Main (host-con-
trolled) SMBus. External pull-up resistor is required.
ACP (Pin 10): This Output Indicates the Value of the
DCDIV Comparator. It can be used to indicate whether
AC is present or not.
DCDIV (Pin 11): Supply Divider Input. This is a high im-
pedance comparator input with a 1.2V threshold (rising
edge) and hysteresis.
GND (Pin 12): Ground for Digital and Analog Circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com