Electronic Components Datasheet Search
  English  ▼

X  

LTC4100 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 5Page - Linear Technology LTC4100_09 Datasheet HTML 6Page - Linear Technology LTC4100_09 Datasheet HTML 7Page - Linear Technology LTC4100_09 Datasheet HTML 8Page - Linear Technology LTC4100_09 Datasheet HTML 9Page - Linear Technology LTC4100_09 Datasheet HTML 10Page - Linear Technology LTC4100_09 Datasheet HTML 11Page - Linear Technology LTC4100_09 Datasheet HTML 12Page - Linear Technology LTC4100_09 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC4100
9
4100fb
BLOCK DIAGRAM
Figure 2
C7
0.0015μF
R5, 6.04k
+
–
+
–
+
+
1.28V
1.19V
WATCHDOG
DETECT tON
OSCILLATOR
DCIN
PWM
LOGIC
S
R
Q
CA1
BUFFERED
ITH
+
–
+
–
÷5
+
–
17mV
100mV
1.19V
1.2V
CLP
SMBus
INTERFACE
AND CONTROL
THERMISTER
INTERFACE
LIMIT
DECODER
ICMP
IREV
0V
VSET
BAT
CSP
IDC
ILIM
VLIM
ITH
ACP
DCDIV
TO SMBUS
POWER SUPPLY
PGND
CLN
CLP
DCIN
INFET
CHGEN
SMBALERT
SDA
SCL
THA
THB
GND
CLP
TGATE
BGATE
SYSTEM
LOAD
EA
CL1
5.8V
11-BIT
VDAC
10-BIT
IDAC
3k
11.67μA
3k
9k
–
–
12
18
1
3
2
23
24
5
4
6
8
9
16
15
13
14
11
10
19
20
21
22
R4
100Ω
C4
0.01μF
C5, 0.1μF
VBAT
VBAT
CSP
CSP
Q2
Q3
Q1
RCL
20μF
D1
L1
VIN
VIN
7
10μA
VDD
RSENSE
20μF
C8
0.068μF
RVLIM
RILIM
17 VDD
R1
C9
C1, 0.1μF
1.13k
TO HOST AND BATTERY
54.9k
10k
CA2
R10
R11
C6, 0.12μF
gm = 1m
gm = 1m
gm = 1.5m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com