Electronic Components Datasheet Search
  English  ▼

X  

LTC4100 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 2Page - Linear Technology LTC4100_09 Datasheet HTML 3Page - Linear Technology LTC4100_09 Datasheet HTML 4Page - Linear Technology LTC4100_09 Datasheet HTML 5Page - Linear Technology LTC4100_09 Datasheet HTML 6Page - Linear Technology LTC4100_09 Datasheet HTML 7Page - Linear Technology LTC4100_09 Datasheet HTML 8Page - Linear Technology LTC4100_09 Datasheet HTML 9Page - Linear Technology LTC4100_09 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC4100
6
4100fb
TYPICAL PERFORMANCE CHARACTERISTICS
Disconnect/Reconnect Battery
(Load Dump)
Battery Leakage Current
vs Battery Voltage
Efficiency at 19V VDCIN
Efficiency at 12.6V with 15V VDCIN
SMBus Accelerator Operation
Low Current Operation
INFET Response Time to
Reverse Current
VOUT vs IOUT
PWM Frequency vs Duty Cycle
TEST PERFORMED ON DEMOBOARD
VIN = 15VDC
CHARGER = ON
ICHARGE = <10mA
Vs OF PFET (5V/DIV)
Id (REVERSE) OF
PFET (5A/DIV)
Vgs OF PFET (2V/DIV)
4100 G01
VCHARGE = 12.6V
INFET = 1/2 Si4925DY
Vgs = 0
Vs = 0V
Id = 0A
1.25μs/DIV
OUTPUT CURRENT (A)
0
0.5 1.0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
4100 G02
DCIN = 20V
VBAT = 12.6V
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
DUTY CYCLE (VOUT/VIN)
0
0.1 0.2
0.4
0.6
0.9
0.8
0.3
0.5
0.7
1.0
4100 G03
PROGRAMMED CURRENT = 10%
DCIN = 15V
DCIN = 20V
DCIN = 24V
350
300
250
200
150
100
50
0
4100 G04
LOAD CURRENT = 1A, 2A, 3A
DCIN = 20V
VFLOAT = 12.6V
VFLOAT
1V/(DIV)
LOAD
STATE
DISCONNECT
RECONNECT
1A STEP
3A STEP
3A STEP
1A STEP
BATTERY VOLTAGE (V)
0
5
10
15
20
25
30
4100 G05
40
35
30
25
20
15
10
5
0
VDCIN = 0V
CHARGING CURRENT (A)
1.00
0.50
1.50
2.00
2.50
3.00
4100 G06
16.8V
12.6V
100
95
90
85
80
75
CHARGING CURRENT (A)
1.00
0.50
1.50
2.00
2.50
3.00
4100 G07
100
95
90
85
80
75
1μs/DIV
4100 G08
5V
0V
RPULLUP = 15k
LTC4100
VDD = 5V
CBUS = 200pF
TA = 25°C
PROGRAMMED CURRENT (A)
0
0.5
0.3
0.4
0.2
0.1
0
–0.1
0.1
4100 G09
0.2
0.4
0.3
VDD = 5V
TEMP = 27°C
DCIN = 15V
LOW
CURRENT
MODE
PROGRAMMED
CURRENT
NO LOW
CURRENT
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com