Electronic Components Datasheet Search
  English  ▼

X  

LTC4100 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 1 Page - Linear Technology

  LTC4100_09 Datasheet HTML 1Page - Linear Technology LTC4100_09 Datasheet HTML 2Page - Linear Technology LTC4100_09 Datasheet HTML 3Page - Linear Technology LTC4100_09 Datasheet HTML 4Page - Linear Technology LTC4100_09 Datasheet HTML 5Page - Linear Technology LTC4100_09 Datasheet HTML 6Page - Linear Technology LTC4100_09 Datasheet HTML 7Page - Linear Technology LTC4100_09 Datasheet HTML 8Page - Linear Technology LTC4100_09 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC4100
1
4100fb
TYPICAL APPLICATION
DESCRIPTION
Smart Battery
Charger Controller
The LTC®4100 Smart Battery Charger is a single chip
charging solution that dramatically simplifies construction
of an SBS compliant system. The LTC4100 implements
a Level 2 charger function whereby the charger can be
programmed by the battery or by the host. A SafetySignal
on the battery being charged is monitored for temperature,
connectivity and battery type information. The SMBus
interface remains alive when the AC power adapter is
removed and responds to all SMBus activity directed to
it, including SafetySignal status (via the ChargerStatus
command). The charger also provides an interrupt to the
host whenever a status change is detected (e.g., battery
removal, AC adapter connection).
Charging current and voltage are restricted to chemistry-
specific limits for improved system safety and reliability.
Limits are programmable by two external resistors. Ad-
ditionally, the maximum average current from the AC
adapter is programmable to avoid overloading the adapter
when simultaneously supplying load current and charging
current. When supplying system load current, charg-
ing current is automatically reduced to prevent adapter
overload.
Figure 1. 4A Smart Battery Charger
FEATURES
APPLICATIONS
n Single Chip Smart Battery Charger Controller
n 100% Compliant (Rev. 1.1) SMBus Support Allows
for Operation with or without Host
n SMBus Accelerator Improves SMBus Timing
n Wide Output Voltage Range: 3.5V to 26V
n Hardware Interrupt and SMBAlert Response
Eliminate Interrupt Polling
n High Efficiency Synchronous Buck Charger
n 0.5V Dropout Voltage; Maximum Duty Cycle > 98%
n AC Adapter Current Limit Maximizes Charge Rate
n ±0.8% Voltage Accuracy; ±4% Current Accuracy
n Up to 4A Charging Current Capability
n 10-Bit DAC for Charge Current Programming
n 11-Bit DAC for Charger Voltage Programming
n User-Selectable Overvoltage and Overcurrent Limits
n High Noise Immunity SafetySignal Sensor
n Available in a 24-Pin SSOP Package
n Portable Instruments and Computers
n Data Storage Systems and Battery Backup Servers
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6650174 and 5723970.
17
11
6
10
7
9
8
15
16
13
14
20
5
4
24
23
1
3
2
21
22
18
19
12
3V
TO 5.5V
0.12μF
0.1μF
0.068μF
0.1μF
0.01μF
0.0015μF
6.04k
10k
54.9k
100Ω
0.033Ω
20μF
20μF
0.1μF
10μH
0.025Ω
SMBCLK
5k
SMBDAT
SMBCLK
SMBDAT
DCIN
4100 TA01
CHGEN
SMBALERT#
ACP
SMART BATTERY
SYSTEM LOAD
1.13k
1.21k
13.7k
SafetySignal
VDD
DCDIV
CHGEN
ACP
SMBALERT
SCL
SDA
THB
THA
ILIM
VLIM
IDC
DCIN
INFET
CLP
CLN
TGATE
BGATE
PGND
CSP
BAT
VSET
ITH
GND
LTC4100
VBAT
< 5.5V
> 5.5V
LTC4101
LTC4100
PART


Similar Part No. - LTC4100_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100EG LINER-LTC4100EG Datasheet
251Kb / 24P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
Smart Battery Charger Controller
More results

Similar Description - LTC4100_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
Standard Battery Charger Controller
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
Smart Battery Charger
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
Standard Battery Charger Controller
logo
Linear Technology
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
Smart Battery Charger Controller
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
logo
Linear Technology
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
Smart Battery Charger
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
Smart Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com