Electronic Components Datasheet Search
  English  ▼

X  

MC13821 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC13821 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Electrical Specifications
MC13821 Data Sheet: Technical Data, Rev. 1.5
4
Freescale Semiconductor
Associated Gain at Minimum Noise Figure
R1=1.2 k
Ω, Freq=1.960 GHz
R1=1.2 k
Ω, Freq=2.14 GHz
R1=2 k
Ω, Freq=1.960 GHz
R1=2 k
Ω, Freq=2.14 GHz
Gnf
19.8
19
19.6
19
20.8
19.8
20.5
19.8
21.8
20.8
21.5
20.8
dB
1 Maximum Available Gain and Maximum Stable Gain
are defined by the K factor as follows:
, if K > 1,
, if K < 1
Table 4. Electrical Characteristics Measured in Frequency Specific Tuned Circuits
(VCC = 2.75 V, TA = 25°C, Rbias = 2 kΩ, unless otherwise noted.)
Characteristic
Symbol
Minimum
Typical
Maximum
Unit
1575 MHz (Refer to Figure 9)
Frequency
f
—
1575
—
MHz
Active Gain
G
16
17.7
18.7
dB
Active Noise Figure
NF
1.0
1.25
1.45
dB
Active Input Third Order Intercept Point
IIP3
-1.0
0.5
1.5
dBm
Active Input 1dB Compression Point
P1dB
-11
-10
-9
dBm
Active Current @ 2.75 V
ICC
2.3
2.8
3.3
mA
Bypass Gain
G
-6.0
-4.1
-3.1
dB
Bypass Noise Figure
NF
3.9
4.8
6
dB
Bypass Input Third Order Intercept Point
IIP3
24
26
27
dBm
Bypass Current
2
4
20
µA
1960 MHz (Refer to Figure 10)
Frequency
f
—
1960
—
MHz
Active Gain
G
15
16.4
17.4
dB
Active Noise Figure
NF
1.0
1.25
1.45
dB
Active Input Third Order Intercept Point
IIP3
-0.5
1
2
dBm
Active Input 1dB Compression Point
P1dB
-7
-6
-5
dBm
Active Current @ 2.75 V
ICC
2.3
2.8
3.3
mA
Bypass Gain
G
-6
-3.9
-3
dB
Bypass Noise Figure
NF
3.9
4.7
6
dB
Bypass Input Third Order Intercept Point
IIP3
23
25
26
dBm
Bypass Current
2
4
20
µA
Table 3. Electrical Characteristics (continued)
(VCC = 2.75 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Minimum
Typical
Maximum
Unit
MAG
S21
S12
---------- K
K
2
1
–
±
⎝⎠
⎛⎞
=
MSG
S21
S12
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com