Electronic Components Datasheet Search
  English  ▼

X  

MC13821 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13821 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Electrical Specifications
MC13821 Data Sheet: Technical Data, Rev. 1.5
6
Freescale Semiconductor
2140 MHz (R1 = 1.5 k
Ω, R2 = 10 kΩ, C2 = 1 pF) (Refer to Figure 11)
Frequency
f
—
2140
—
MHz
Active Gain
G
14.5
15.7
17.5
dB
Active Noise Figure
NF
1.1
1.3
1.8
dB
Active Input Third Order Intercept Point
IIP3
2
5
5.5
dBm
Active Input 1dB Compression Point
P1dB
-5
-4
-3
dBm
Active Current @ 2.75 V
ICC
3.44.455.5
mA
Bypass Gain
G
-5
-4
-3
dB
Bypass Noise Figure
NF
3.2
4.2
6
dB
Bypass Input Third Order Intercept Point
IIP3
18
20
21
dBm
Bypass Current
2
4
20
µA
2140 MHz (R1 = 1.2 k
Ω, R2 = 3.3 kΩ,, R3 = 10 Ω, C1 = 8 pF, C2 = 1 pF) (Refer to Figure 12)
Frequency
f
—
2140
—
MHz
Active Gain
G
13.7
14.5
15.5
dB
Active Noise Figure
NF
1.3
1.49
1.65
dB
Active Input Third Order Intercept Point
IIP3
3.5
5.0
6.0
dBm
Active Input 1dB Compression Point
P1dB
-8
-7
-6
dBm
Active Current @ 2.75 V
ICC
3.94.455.5
mA
Bypass Gain
G
-4.9
-4.4
-3.9
dB
Bypass Noise Figure
NF
3
4.3
6
dB
Bypass Input Third Order Intercept Point
IIP3
18
20
21
dBm
Bypass Current
2
4
20
µA
2400 MHz (Refer to Figure 13)
Frequency
f
—
2400
—
MHz
Active Gain
G
13
14
16
dB
Active Noise Figure
NF
1.3
1.49
1.65
dB
Active Input Third Order Intercept Point
IIP3
3.0
4.0
5.0
dBm
Active Input 1dB Compression Point
P1dB
-5.0
-3.8
-3
dBm
Active Current @ 2.75 V
ICC
2.3
2.8
3.2
mA
Bypass Gain
G
-4.5
-3.6
-2.9
dB
Bypass Noise Figure
NF
3.2
4.2
6
dB
Bypass Input Third Order Intercept Point
IIP3
22
24
25
dBm
Bypass Current
2
4
20
µA
Table 4. Electrical Characteristics Measured in Frequency Specific Tuned Circuits (continued)
(VCC = 2.75 V, TA = 25°C, Rbias = 2 kΩ, unless otherwise noted.)
Characteristic
Symbol
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com