Electronic Components Datasheet Search
  English  ▼

X  

MC13821 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Electrical Specifications
MC13821 Data Sheet: Technical Data, Rev. 1.5
Freescale Semiconductor
9
Figure 5. Minimum Noise Figure and Associated Gain vs. Frequency
(Rbias = 2 k
Ω)
Figure 6. Minimum Noise Figure and Associated Gain vs. Frequency
(Rbias = 1.2 k
Ω)
Minim um Noise Figure and Associated Gain vs. Frequency Rbias = 2 kohm
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1000
1200
1400
1600
1800
2000
2200
2400
f, Frequency (MHz)
0
5
10
15
20
25
30
Gnf
NFmin
Minimum Noise Figure and Associated Gain vs. Frequency
Rbias = 1.2 kohm
0.98
1
1.02
1.04
1.06
1.08
1.1
1.12
1000
1200
1400
1600
1800
2000
2200
2400
f, Frequency (MHz)
0
5
10
15
20
25
30
Gnf
NFmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com