Electronic Components Datasheet Search
  English  ▼

X  

MC13821 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC13821 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Electrical Specifications
MC13821 Data Sheet: Technical Data, Rev. 1.5
Freescale Semiconductor
7
Figure 2. Maximum Stable/Available Gain and Forward Insertion Gain vs. Frequency
(Rbias = 2 k
Ω)
Table 5. Truth Table
Pin Function
Pin Name
Enable
Disable
Low Gain
High Gain
Low Gain
High Gain
Circuit Bias VCC1
VCC1
1111
Toggles Gain Mode (Active or
Bypass)
GAIN
0101
Toggles LNA On/Off
ENABLE
1100
LNA Bias VCC3
LNA Out
1111
NOTES: 1. Logic state "1" equals VCC voltage. Logic state of "0" equals ground potential.
2. VCC3 is inductively coupled to LNA OUT pin
3. Minimum logic state “1” for enable and gain pins is 1.25 V.
4. Minimum logic state “0” for enable and gain pins is 0.8 V.
Maximum Stable/Available Gain and
Forward Insertion Gain vs. Frequency
Rbias is 2 kohm
0
5
10
15
20
25
30
0.5
1.5
2.5
3.5
4.5
5.5
f, Frequency (GHz)
MSG
MAG
|S21|2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com