Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9934 Datasheet HTML 5Page - Maxim Integrated Products MAX9934 Datasheet HTML 6Page - Maxim Integrated Products MAX9934 Datasheet HTML 7Page - Maxim Integrated Products MAX9934 Datasheet HTML 8Page - Maxim Integrated Products MAX9934 Datasheet HTML 9Page - Maxim Integrated Products MAX9934 Datasheet HTML 10Page - Maxim Integrated Products MAX9934 Datasheet HTML 11Page - Maxim Integrated Products MAX9934 Datasheet HTML 12Page - Maxim Integrated Products MAX9934 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0, CL = 1000pF, ROUT = 10kΩ to GND for unidirectional operation, ROUT = 10kΩ to VCC/2
for bidirectional operation. TA = +25°C, unless otherwise noted.)
POWER-UP TIME
MAX9934 toc28
1V
1V
100
Fs/div
VCS
2V/div
VOUT
500mV/div
VOUT
500mV/div
MAX9934T
MAX9934F
1% FINAL VALUE
0.1% FINAL VALUE
CBYPASS = 0.1µF
1% FINAL VALUE
0.1% FINAL VALUE
SATURATION RECOVERY TIME
VOUT = VOL TO 1V (MAX9934T)
MAX9934 toc29
1mV
0V
1V
UNIDIRECTIONAL
400
Fs/div
VSENSE
5mV/div
VOUT
500mV/div
400
µs/div
SATURATION RECOVERY TIME
VOUT = VOH TO 1V (MAX9934T)
VSENSE
10mV/div
VOUT
1V/div
MAX9934 toc30
1V
UNIDIRECTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com