Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9934 Datasheet HTML 1Page - Maxim Integrated Products MAX9934 Datasheet HTML 2Page - Maxim Integrated Products MAX9934 Datasheet HTML 3Page - Maxim Integrated Products MAX9934 Datasheet HTML 4Page - Maxim Integrated Products MAX9934 Datasheet HTML 5Page - Maxim Integrated Products MAX9934 Datasheet HTML 6Page - Maxim Integrated Products MAX9934 Datasheet HTML 7Page - Maxim Integrated Products MAX9934 Datasheet HTML 8Page - Maxim Integrated Products MAX9934 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX9934** high-precision, low-voltage, high-side
current-sense amplifier is ideal for both bidirectional
(charge/discharge) and unidirectional current measure-
ments in battery-powered portable and laptop devices.
Input offset voltage (VOS) is a low 10µV (max) at +25°C
across the -0.1V to 5.5V input common-mode voltage
range, and is independent of VCC. Its precision input
specification allows the use of very small sense volt-
ages (typically ±10mV full-scale) for minimally invasive
current sensing.
The output of the MAX9934 is a current proportional to
input VSENSE and is available in either 25µA/mV or
5µA/mV gain options (GM) with gain accuracy better
than 0.25% (max) at +25°C. A chip select (CS) allows
multiplexing of several MAX9934 current outputs to a
single microcontroller ADC channel (see the
Typical
Operating Circuit). CS is compatible with 1.8V and 3.3V
logic systems.
The MAX9934 is designed to operate from a 2.5V to
3.6V VCC supply, and draws just 120µA (typ) quiescent
current. When powered down (VCC = 0), RS+ and RS-
draw less than 0.1nA (typ) leakage current to reduce
battery load. The MAX9934 is robust and protected
from input faults of up to ±6V input differential voltage
between RS+ and RS-.
The MAX9934 is specified for operation over the -40°C
to +125°C temperature range and is available in 8-pin
µMAX®, 6-pin µDFN (2mm x 2mm x 0.8mm), or a 6-
bump UCSP™ (1mm x 1.5mm x 0.6mm), making it ideal
for space-sensitive applications.
Applications
PDAs and Smartphones
MP3 Players
Sensor Instrumentation Amplifiers
Notebook PCs and Ultra-Mobile PCs
Portable Current Monitoring
Features
o Input Offset Voltage: 10µV (max)
o Gain Error Less than 0.25%
o -0.1V to +5.5V Input Common-Mode Voltage
Range
o Chip Select Allows Multiplexing Several MAX9934
Current Monitors to One ADC
o Current Output Allows ROUT Selection
for Gain Flexibility
o Single Supply Operation: 2.5V to 3.6V
o Two Gain Options: GM of 25µA/mV (MAX9934T)
and 5µA/mV (MAX9934F)
o Bidirectional or Unidirectional Operation
o Small, 6-Bump UCSP (1mm x 1.5mm x 0.6mm),
6-Pin µDFN (2mm x 2mm x 0.6mm), and 8-Pin
µMAX Packages
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
________________________________________________________________
Maxim Integrated Products
1
19-5011; Rev 0; 10/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
GAIN
PIN-
PACKAGE
TOP
MARK
MAX9934FALT+T*
5µA/mV
6 µDFN
ACP
MAX9934FART+T*
5µA/mV
6 UCSP
AAG
MAX9934FAUA+T
5µA/mV
8 µMAX
—
MAX9934TALT+T*
25µA/mV
6 µDFN
ACO
MAX9934TART+T*
25µA/mV
6 UCSP
AAF
MAX9934TAUA+T
25µA/mV
8 µMAX
—
Note: All devices are specified over the -40°C to +125°C
extended temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*
Future product—contact factory for availability.
µMAX is a registered trademark and UCSP is a trademark of
Maxim Integrated Products, Inc.
**Patent pending.
ILOAD
RSENSE
RS-
RS+
-0.1V
≤ VCM ≤ 5.5V
VCC = 3.3V
VCC
CS
GND
MAX9934
OUT
ROUT
10k
Ω
VOUT TO ADC
FROM
µC
CHIP SELECT
1000pF
0.1
µF
Typical Operating Circuit


Similar Part No. - MAX9934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9934 MAXIM-MAX9934 Datasheet
921Kb / 6P
Fully Assembled and Tested
Rev 0; 7/10
logo
Analog Devices
MAX9934 AD-MAX9934 Datasheet
860Kb / 19P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 3 11/12
logo
Maxim Integrated Produc...
MAX9934F MAXIM-MAX9934F Datasheet
921Kb / 6P
Fully Assembled and Tested
Rev 0; 7/10
MAX9934FART+T MAXIM-MAX9934FART+T Datasheet
861Kb / 19P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
logo
Analog Devices
MAX9934FART+T AD-MAX9934FART+T Datasheet
860Kb / 19P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
Rev 3 11/12
More results

Similar Description - MAX9934

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
High-Side Current-Sense Amplifier with Low Impedance Voltage Output
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
Precision High Voltage Current Sense Amplifier
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
INA180 TI1-INA180 Datasheet
1Mb / 30P
Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 32P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9934 MAXIM-MAX9934_V01 Datasheet
861Kb / 19P
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com