Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9934 Datasheet HTML 14Page - Maxim Integrated Products MAX9934 Datasheet HTML 15Page - Maxim Integrated Products MAX9934 Datasheet HTML 16Page - Maxim Integrated Products MAX9934 Datasheet HTML 17Page - Maxim Integrated Products MAX9934 Datasheet HTML 18Page - Maxim Integrated Products MAX9934 Datasheet HTML 19Page - Maxim Integrated Products MAX9934 Datasheet HTML 20Page - Maxim Integrated Products MAX9934 Datasheet HTML 21Page - Maxim Integrated Products MAX9934 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
______________________________________________________________________________________
21
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in the
package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the
package regardless of RoHS status.
COMMON DIMENSIONS
SYMBOL
MIN.
NOM.
A
0.70
0.75
A1
D
1.95
2.00
E
1.95
2.00
L
0.30
0.40
PKG. CODE
N
e
b
PACKAGE VARIATIONS
L1
6
L622-1
0.65 BSC
0.30±0.05
0.25±0.05
0.50 BSC
8
L822-1
0.20±0.03
0.40 BSC
10
L1022-1
2.05
0.80
MAX.
0.50
2.05
0.10 REF.
(N/2 -1) x e
1.60 REF.
1.50 REF.
1.30 REF.
A2
-
0.15
0.20
0.25
0.020
0.025
0.035
PACKAGE OUTLINE,
6, 8, 10L uDFN, 2x2x0.80 mm
21-0164
B
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com