Electronic Components Datasheet Search
  English  ▼

X  

MAX9934 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9934
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9934 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9934 Datasheet HTML 1Page - Maxim Integrated Products MAX9934 Datasheet HTML 2Page - Maxim Integrated Products MAX9934 Datasheet HTML 3Page - Maxim Integrated Products MAX9934 Datasheet HTML 4Page - Maxim Integrated Products MAX9934 Datasheet HTML 5Page - Maxim Integrated Products MAX9934 Datasheet HTML 6Page - Maxim Integrated Products MAX9934 Datasheet HTML 7Page - Maxim Integrated Products MAX9934 Datasheet HTML 8Page - Maxim Integrated Products MAX9934 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0, CL = 1000pF, ROUT = 10kΩ to GND for unidirectional operation, ROUT = 10kΩ to VCC/2
for bidirectional operation. TA = +25°C, unless otherwise noted.)
MAX9934T VOS HISTOGRAM
VOS (
FV)
-8
-6
-4
-2
0
2
4
6
8
5
10
15
20
25
30
35
40
0
-10
10
OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
4.8
4.1
2.7
3.4
1.3
2.0
0.6
-8
-6
-4
-2
0
2
4
6
8
10
-10
-0.15.5
VCC = 3.3V
VCC = 3.6V
VCC = 2.5V
MAX9934T DRIFT VOS HISTOGRAM
TCVOS (nV/
NC)
6
1218243036424854
5
10
15
20
25
30
0
060
OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
4.8
4.1
2.7
3.4
1.3
2.0
0.6
-8
-6
-4
-2
0
2
4
6
8
10
-10
-0.15.5
TA = +125
NC
TA = +25
NC
TA = -40
NC
0
0.5
1.5
1.0
2.5
3.0
2.0
3.5
020
30
10
40
50
60
70
80
VOUT vs. VSENSE
VREF = GND
VSENSE (mV)
GAIN = 25
µA/mV
GAIN = 5
µA/mV
UNIDIRECTIONAL
5
10
15
20
25
30
0
MAX9934T GAIN ERROR
HISTOGRAM
GE (%)
5
10
15
20
25
30
35
0
MAX9934T GAIN ERROR
DRIFT HISTOGRAM
TC GE (PPM/
NC)
5
10
15
20
25
30
35
40
0
MAX9934F GAIN ERROR
HISTOGRAM
GE (%)
MAX9934F GAIN ERROR DRIFT
HISTOGRAM
TC GE (PPM/°C)
5
10
15
20
25
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com