Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6472 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472
Description  Digital Signal Processor Silicon Revisions 2.0 1.2 1.1 1.0
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6472 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320C6472 Datasheet HTML 55Page - Texas Instruments TMS320C6472 Datasheet HTML 56Page - Texas Instruments TMS320C6472 Datasheet HTML 57Page - Texas Instruments TMS320C6472 Datasheet HTML 58Page - Texas Instruments TMS320C6472 Datasheet HTML 59Page - Texas Instruments TMS320C6472 Datasheet HTML 60Page - Texas Instruments TMS320C6472 Datasheet HTML 61Page - Texas Instruments TMS320C6472 Datasheet HTML 62Page - Texas Instruments TMS320C6472 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
26.67-MHz
clock
oscillator
C6472
CLKIN1(CHIP PLL)
PLL multiply:x20
CLKIN3(DDRPLL)
PLL multiply:x20(fixed)
CLKIN2(EMACPLL)
PLL multiply:x20(fixed)
25-MHz
clock
oscillator
C6472
CLKIN1(CHIP PLL)
PLL multiply:x20
CLKIN3(DDRPLL)
PLL multiply:x20(fixed)
CLKIN2(EMACPLL)
PLL multiply:x20(fixed)
25-MHz
clock
oscillator
0 W
26.67-MHz
clock
oscillator
www.ti.com
Silicon Revision 1.0 Usage Notes and Known Design Exceptions to Functional Specifications
Advisory 3
DDR2 EMIF: Clock Synchronization Issue
Revision(s) Affected:
1.0
Details:
The DDR2 EMIF in the C6472 device requires that specific consideration be given to the
DDR2 clock with respect to the CPU clock, in order to successfully complete all writes to
external memory. When independent clock sources are used for CLKIN1 (CHIP clock)
and CLKIN3 (DDR2 clock), writes to the DDR2 external memory may be corrupted in
certain situations.
Workaround:
Provide a single clock source to both CLKIN1 and CLKIN3 and set the PLL1 multiplier to
multiply CLKIN1 by x30.
The selected frequency should be 16.67 MHz and the PLL1 multiplier should be set to
multiply CLKIN1 by x30. This will create a 500-MHz clock to each CPU. The DDR2 data
rate, which has a fixed multiply by x20 of CLKIN3, will be 333 MHz.
The following three figures help illustrate the likely hardware changes. Figure 10 shows
the clock source diagram that TI expects most customers have implemented. Figure 11
shows the requested implementation change. Figure 12 shows the workaround
implementation requirement.
Figure 10. Expected Customer Implementation
Figure 11. Requested Implementation Change
59
SPRZ300 – October 2009
TMS320C6472 DSP
Silicon Revisions 2.0, 1.2, 1.1, 1.0
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com