Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6472 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472
Description  Digital Signal Processor Silicon Revisions 2.0 1.2 1.1 1.0
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6472 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C6472 Datasheet HTML 17Page - Texas Instruments TMS320C6472 Datasheet HTML 18Page - Texas Instruments TMS320C6472 Datasheet HTML 19Page - Texas Instruments TMS320C6472 Datasheet HTML 20Page - Texas Instruments TMS320C6472 Datasheet HTML 21Page - Texas Instruments TMS320C6472 Datasheet HTML 22Page - Texas Instruments TMS320C6472 Datasheet HTML 23Page - Texas Instruments TMS320C6472 Datasheet HTML 24Page - Texas Instruments TMS320C6472 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
31
X+1
X
6
5
4
2 1
0
Tag
Set
Offset
Sub-line Bank
Byte
www.ti.com
Silicon Revision 2.0 Usage Notes and Known Design Exceptions to Functional Specifications
of two addresses. The mapping of an address to a location in L1D cache is shown in
Figure 2.
The value X is determined by how large the L1D cache is in the particular application (see Table 10).
Figure 2. L1D Cache Address Mapping
Table 10. Value of X for L1D Cache
AMOUNT OF L1D CACHE
X BIT POSITION
0KB
N/A
4KB
10
8KB
11
16KB
12
32KB
13
If you use the default configuration, 32KB, as an example, bits [13:6] are a set match
if they are identical in two different addresses. Some examples of set matches are
shown below:
•
0x0080 2A80 00000000100000000010101010000000
•
0x8000 2A80 10000000100000000010101010000000
•
0x0080 2A8A 00000000100000000010101010001010
•
This results in a cache miss from the CPU for an external address and sends a
read request to L2 cache for the line (and possibly to the external source on an L2
cache miss or if no L2 cache is present).
The results of the above cause the following:
L2 sends both the return data for the L1D read miss request (response of Step 3 above)
and the data for the snoop-write (response of Step 2 above). The L1D commits the
snoop-write data after the L2 return data.
As a result, L1D now holds the wrong data for the external address (Cache Line B) and
commits the data to cache. Cache Line B remains marked "clean." If the program does
not write to the uncorrupted portion of the line and does not read the corrupted portion of
the line, the corruption goes unnoticed. If the program writes to the uncorrupted portion
of the line, the corrupted data gets written back to L2 cache and/or external memory.
Otherwise, the corruption disappears when L1D discards the line.
Cache lines holding external addresses are the only cache lines that exhibit corruption.
Corruption only happens when DMA buffers in UMAP1 get cached in L1D. Additionally,
corruption only happens when the DMA buffer is clean, meaning that it gets discarded
without generating a victim. Thus, this affects buffers where the DMA writes and the
CPU reads. It does not affect buffers that the CPU only writes and/or DMA only reads.
One can identify this bug unambiguously by examining the corrupted memory range in
CCStudio using the cache tag viewer. The corrupted data shows up in the include L1D
view in a memory window, but not in the exclude L1D view. The cache tag viewer should
indicate that the line is also "clean" and the corrupt data should also be visible in its
intended destination, which must be in UMAP1 and map to the same L1D set as the
corrupted line.
Figure 3 shows the flow of these operations, the incorrect order that causes the bug, and
the correct order. The blue line is Cache Line A and the yellow line is Cache line B.
21
SPRZ300 – October 2009
TMS320C6472 DSP
Silicon Revisions 2.0, 1.2, 1.1, 1.0
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com